Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX350MJN Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX350MJN
Description  Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX350MJN Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX350MJN Datasheet HTML 5Page - Maxim Integrated Products MAX350MJN Datasheet HTML 6Page - Maxim Integrated Products MAX350MJN Datasheet HTML 7Page - Maxim Integrated Products MAX350MJN Datasheet HTML 8Page - Maxim Integrated Products MAX350MJN Datasheet HTML 9Page - Maxim Integrated Products MAX350MJN Datasheet HTML 10Page - Maxim Integrated Products MAX350MJN Datasheet HTML 11Page - Maxim Integrated Products MAX350MJN Datasheet HTML 12Page - Maxim Integrated Products MAX350MJN Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Serially Controlled, Low-Voltage,
8-Channel/Dual 4-Channel Multiplexers
_______________________________________________________________________________________
9
ELECTRICAL CHARACTERISTICS—Single +3V Supply (continued)
(V+ = +3.0V to +3.6V, V- = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
SWITCH DYNAMIC CHARACTERISTICS
Break-Before-Make Delay (Note 4)
tBBM
ns
110
From rising edge of CS
TA = +25°C
515
TA = +25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 1)
UNITS
Turn-Off Time (Note 4)
tOFF
400
ns
From rising edge of CS
C, E, M
120
300
TA = +25°C
Turn-On Time (Note 4)
tON
700
RL = 50Ω, CL = 15pF,
VNO = 1VRMS, f = 100kHz
Off-Isolation (Note 6)
Channel-to-Channel Crosstalk
(Note 7)
VCT
VISO
dB
ns
From rising edge of CS
C, E, M
< –90
RL = 50Ω, CL = 15pF,
VNO = 1VRMS, f = 100kHz
TA = +25°C
> 90
275
600
TA = +25°C
TA = +25°C
CONDITIONS
dB
pC
Charge Injection (Note 4)
VCTE
CL = 1nF, VNO = 0V, RS = 0Ω


Similar Part No. - MAX350MJN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3503 MAXIM-MAX3503 Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3503EGP MAXIM-MAX3503EGP Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3505 MAXIM-MAX3505 Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
MAX3505EGP MAXIM-MAX3505EGP Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
MAX3507 MAXIM-MAX3507 Datasheet
356Kb / 12P
   Upstream CATV Amplifier with On-Chip Anti-Alias Filter
Rev 0; 7/01
More results

Similar Description - MAX350MJN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4586 MAXIM-MAX4586 Datasheet
140Kb / 12P
   Serially Controlled, 4-Channel Serially Controlled, 4-Channel
Rev 0; 8/99
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
   Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
logo
Analog Devices
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG709CRUZ AD-ADG709CRUZ Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX382 MAXIM-MAX382 Datasheet
106Kb / 12P
   Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
19-0396; Rev. 0; 5/95
logo
Analog Devices
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
logo
Maxim Integrated Produc...
MAX338ESE MAXIM-MAX338ESE Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com