Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3486CSA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3486CSA
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3486CSA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3486CSA Datasheet HTML 5Page - Maxim Integrated Products MAX3486CSA Datasheet HTML 6Page - Maxim Integrated Products MAX3486CSA Datasheet HTML 7Page - Maxim Integrated Products MAX3486CSA Datasheet HTML 8Page - Maxim Integrated Products MAX3486CSA Datasheet HTML 9Page - Maxim Integrated Products MAX3486CSA Datasheet HTML 10Page - Maxim Integrated Products MAX3486CSA Datasheet HTML 11Page - Maxim Integrated Products MAX3486CSA Datasheet HTML 12Page - Maxim Integrated Products MAX3486CSA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
_______________________________________________________________________________________
9
VCC
VOM
3V
0V
VOH
VOM
VOM
VOM
VOM
VOL
VOH
VOL
50
RL = 27Ω
CL = 15pF
(NOTE 5)
GENERATOR
(NOTE 4)
D
tPLH
1.5V
Y
OUT
Z
OUT
OUT
S1
IN
1.5V
1.5V
tPHL
tPHL
tPLH
VOH + VOL
2
VOM =
3V
0V
VOH
VOM
0V
RL = 110Ω
CL = 50pF
(NOTE 5)
D
0V OR 3V
50
GENERATOR
(NOTE 4)
tPZH
1.5V
0.25V
OUT
OUT
S1
IN
1.5V
1.5V
tPHZ
VOH + VOL
2
VOM =
VCC
RL = 110Ω
CL = 50pF
(NOTE 5)
D
50
GENERATOR
(NOTE 4)
OUT
S1
3V
0V
VCC
VOL
VOM
tPSL
1.5V
0.25V
OUT
IN
1.5V
tPLZ
0V OR 3V
Figure 8. Driver Propagation Times
Figure 9. Driver Enable and Disable Times (tPZH, tPSH, tPHZ)
Figure 10. Driver Enable and Disable Times (tPZL, tPSL, tPLZ)


Similar Part No. - MAX3486CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3486 MAXIM-MAX3486 Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3486E MAXIM-MAX3486E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3486E MAXIM-MAX3486E Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3486ECPA MAXIM-MAX3486ECPA Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3486ECPA MAXIM-MAX3486ECPA Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
More results

Similar Description - MAX3486CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3491EESD-T MAXIM-MAX3491EESD-T Datasheet
674Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com