Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX351MJE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX351MJE
Description  Precision, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX351MJE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX351MJE Datasheet HTML 4Page - Maxim Integrated Products MAX351MJE Datasheet HTML 5Page - Maxim Integrated Products MAX351MJE Datasheet HTML 6Page - Maxim Integrated Products MAX351MJE Datasheet HTML 7Page - Maxim Integrated Products MAX351MJE Datasheet HTML 8Page - Maxim Integrated Products MAX351MJE Datasheet HTML 9Page - Maxim Integrated Products MAX351MJE Datasheet HTML 10Page - Maxim Integrated Products MAX351MJE Datasheet HTML 11Page - Maxim Integrated Products MAX351MJE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Precision, Quad, SPST Analog Switches
8
_______________________________________________________________________________________
Figure 6. Crosstalk Test Circuit
IN
0V,
2.4V
SIGNAL
GENERATOR 0dBm
+15V
C
VL
ANALYZER
NC OR NO
RL
GND
COM
C
-15V
V-
+5V
COM
V+
SIGNAL
GENERATOR 0dBm
+15V
C
ANALYZER
N02
RL
GND
COM1
C
V-
-15V
0V, 2.4V
IN1
N01
50
VL
COM2
+5V
IN2
0V, 2.4V
NC
V+
Figure 5. Off-Isolation Test Circuit
VGEN
GND
NC OR
NO
CL
VO
-15V
V-
V+
VO
IN
OFF
ON
OFF
∆VO
Q = (
∆VO)(CL)
COM
+5V
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
OFF
ON
OFF
IN
VIN = +3V
+15V
RGEN
IN
VL
Figure 4. Charge-Injection Test Circuit
_________________________________Test Circuits/Timing Diagrams (continued)


Similar Part No. - MAX351MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX351MJE MAXIM-MAX351MJE Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
More results

Similar Description - MAX351MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX391 MAXIM-MAX391 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com