Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF5N4905 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF5N4905
Description  Avalanche Energy Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5N4905 Datasheet(HTML) 2 Page - International Rectifier

  IRF5N4905_15 Datasheet HTML 1Page - International Rectifier IRF5N4905_15 Datasheet HTML 2Page - International Rectifier IRF5N4905_15 Datasheet HTML 3Page - International Rectifier IRF5N4905_15 Datasheet HTML 4Page - International Rectifier IRF5N4905_15 Datasheet HTML 5Page - International Rectifier IRF5N4905_15 Datasheet HTML 6Page - International Rectifier IRF5N4905_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF5N4905
2
www.irf.com
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-55
V
VGS = 0V, ID = -250µA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
-0.051
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.024
VGS = 10V, ID = -36A
Resistance
VGS(th)
Gate Threshold Voltage
-2.0
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
19
S ( )VDS ≥ -25V, IDS = -36A ➃
IDSS
Zero Gate Voltage Drain Current
-25
VDS = -55V ,VGS=0V
-250
VDS = -44V,
VGS = 0V, TJ =125°C
IGSS
Gate-to-Source Leakage Forward
-100
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
100
VGS = 20V
Qg
Total Gate Charge
195
VGS =-10V, ID = -36A
Qgs
Gate-to-Source Charge
45
nC
VDS = -44V
Qgd
Gate-to-Drain (‘Miller’) Charge
75
td(on)
Turn-On Delay Time
35
VDD = -28V, ID = -36A,
tr
Rise Time
165
VGS =-10V, RG = 2.5Ω
td(off)
Turn-Off Delay Time
95
tf
Fall Time
130
LS + LD
Total Inductance
5.9
Measured from the center of
drain pad to center of source pad
Ciss
Input Capacitance
3633
VGS = 0V, VDS = -25V
Coss
Output Capacitance
1312
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
505
nA
nH
ns
µA
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
1.0
°C/W
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
-55*
ISM
Pulse Source Current (Body Diode) ➀
-220
VSD
Diode Forward Voltage
-1.6
V
Tj = 25°C, IS = -36A, VGS = 0V ➃
trr
Reverse Recovery Time
120
ns
Tj = 25°C, IF = -36A, di/dt ≥ 100A/µs
QRR
Reverse Recovery Charge
365
nC
VDD ≤ -25V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
* Current is limited by package


Similar Part No. - IRF5N4905_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5N4905 IRF-IRF5N4905 Datasheet
119Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.024ohm, Id=-55A*)
More results

Similar Description - IRF5N4905_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310_15 Datasheet
244Kb / 7P
   Avalanche Energy Ratings
IRF5M5210 IRF-IRF5M5210_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5NJ3315 IRF-IRF5NJ3315_15 Datasheet
176Kb / 7P
   Avalanche Energy Ratings
IRF5Y3315CM IRF-IRF5Y3315CM_15 Datasheet
108Kb / 7P
   Avalanche Energy Ratings
IRF5Y3710CM IRF-IRF5Y3710CM_15 Datasheet
107Kb / 7P
   Avalanche Energy Ratings
IRF7Y1405CM IRF-IRF7Y1405CM_15 Datasheet
100Kb / 7P
   Avalanche Energy Ratings
IRF7YSZ44VCM IRF-IRF7YSZ44VCM_15 Datasheet
117Kb / 7P
   Avalanche Energy Ratings
IRF5M3415 IRF-IRF5M3415_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5Y5305CM IRF-IRF5Y5305CM_15 Datasheet
110Kb / 7P
   Avalanche Energy Ratings
IRF7E3704 IRF-IRF7E3704_15 Datasheet
132Kb / 7P
   Avalanche Energy Ratings
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com