Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX361ESE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX361ESE
Description  Precision, Quad, SPST Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX361ESE Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX361ESE Datasheet HTML 1Page - Maxim Integrated Products MAX361ESE Datasheet HTML 2Page - Maxim Integrated Products MAX361ESE Datasheet HTML 3Page - Maxim Integrated Products MAX361ESE Datasheet HTML 4Page - Maxim Integrated Products MAX361ESE Datasheet HTML 5Page - Maxim Integrated Products MAX361ESE Datasheet HTML 6Page - Maxim Integrated Products MAX361ESE Datasheet HTML 7Page - Maxim Integrated Products MAX361ESE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Precision, Quad, SPST Analog Switches
_______________________________________________________________________________________
7
tOFF
0.8VO
VO
0.8VO
tf < 20ns
tr < 20ns
50%
0V
VCOM
0V
+3V
SWITCH
INPUT
SWITCH
OUTPUT
LOGIC INPUT WAVEFORM IS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
tON
SWITCH
INPUT
LOGIC
INPUT
+3V
1N_
COM_
+15V
V+
V-
-15V
RL
35pF
VO
NO_ OR NC_
FOR LOAD CONDITIONS, SEE SPECIFICATIONS
CL (INCLUDES FIXTURE AND STRAY CAPACITANCE)
GND
REPEAT TEST FOR CHANNELS 2, 3, AND 4.
VO = VCOM
RL
RL + RON
LOGIC
INPUT
VCOM
∆VO
OFF
ON
OFF
VO
IN_
MAX361
IN_
MAX362
OFF
OFF
ON
Q =
∆VO × CL
-15V
V-
V+
IN_
GND
COM_
+15V
RGEN
VGEN
VIN = +3V
CL
VO
NO_
OR NC_
ANALYZER
SIGNAL
GENERATOR
RGEN = 50Ω
0.8V, 2.4V
NC1 OR NO1
IN1
COM2
GND
RL
10dBm
C
V+
+15V
COM1
IN2
NC2 OR NO2
0.8V, 2.4V
50
V-
-15V
C
ANALYZER
SIGNAL
GENERATOR
RGEN = 50Ω
NC_ OR
NO_
COM
GND
RL
10dBm
C
V+
+15V
IN_
0.8V, 2.4V
V-
-15V
C
Figure 1. Switching-Time Test Circuit
Figure 2. Charge-Injection Test Circuit
Figure 3. Crosstalk Test Circuit (repeat for channels 3 and 4)
Figure 4. Off-Isolation Test Circuit


Similar Part No. - MAX361ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX361ESE MAXIM-MAX361ESE Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
More results

Similar Description - MAX361ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX391 MAXIM-MAX391 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com