Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3667 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3667
Description  3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3667 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3667 Datasheet HTML 1Page - Maxim Integrated Products MAX3667 Datasheet HTML 2Page - Maxim Integrated Products MAX3667 Datasheet HTML 3Page - Maxim Integrated Products MAX3667 Datasheet HTML 4Page - Maxim Integrated Products MAX3667 Datasheet HTML 5Page - Maxim Integrated Products MAX3667 Datasheet HTML 6Page - Maxim Integrated Products MAX3667 Datasheet HTML 7Page - Maxim Integrated Products MAX3667 Datasheet HTML 8Page - Maxim Integrated Products MAX3667 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
________________General Description
The MAX3667 is a complete, +3.3V laser driver with
automatic power control (APC), designed for SDH/
SONET applications up to 622Mbps. It accepts differ-
ential PECL inputs, provides single-ended bias and
modulation currents, and operates over a -40°C to
+85°C temperature range.
A temperature-stabilized reference voltage simplifies
laser current programming. It allows external program-
ming of the modulation current between 5mAp-p and
60mAp-p, and of the bias current between 5mA and
90mA.
The APC function, which incorporates a monitor photo-
diode, an external resistor, and two external capacitors,
maintains constant laser output power. Two current
monitors provide high-speed signals that are directly
proportional to the bias and modulation currents.
Additional features include disable/enable control and
a slow-start feature with a minimum turn-on time of
50ns. The MAX3667 is available in die form and in a
32-pin TQFP package.
________________________Applications
622Mbps SDH/SONET Access Nodes
Laser Driver Transmitters
Section Repeaters
____________________________Features
o Single +3.3V or +5.0V Operation
o Automatic Average Power Control
o Bias Current and Modulation Current Monitor
Outputs
o TTL-Compatible Disable Input
o Temperature-Compensated Reference
o PECL-Compatible Data Inputs
+3.3V, 622Mbps SDH/SONET Laser Driver
with Automatic Power Control
________________________________________________________________
Maxim Integrated Products
1
MAX3667
MAX3691
130
130
50
82
82
PECL
1
µF
DISABLE
COMP
CCOMP
BIASMON
MODMON
APCSET
MD
MONITOR
DIODE
+3.3V
LASER
DIODE
IMOD
RFILT
22
RDAMP
4.7
100
470nH
4:1
SERIALIZER
WITH
CLOCK GEN
1
µF
0.01
µF
0.1
µF
0.1
µF
IBIAS
MODSET
GND
IN+
IN-
BIASSET
APC
CAPC
1nF
VCC
+3.3V
____________________________________________________Typical Operating Circuit
19-1311; Rev 1; 3/98
PART
MAX3667ECJ
MAX3667E/D
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
32 TQFP
Dice*
EVALUATION
KIT
AVAILABLE
_______________Ordering Information
Pin Configuration appears at end of data sheet.
*
Dice are designed to operate from -40°C to +85°C but are
tested and guaranteed only at Tj = +25°C.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX3667

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3667E/D MAXIM-MAX3667E/D Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3667ECJ MAXIM-MAX3667ECJ Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
More results

Similar Description - MAX3667

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
MAX3663 MAXIM-MAX3663 Datasheet
271Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 2; 5/04
MAX3669 MAXIM-MAX3669_V01 Datasheet
297Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
2013
MAX3669 MAXIM-MAX3669_05 Datasheet
666Kb / 15P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 5; 2/05
MAX3669 MAXIM-MAX3669 Datasheet
758Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
19-1575; Rev 0; 10/99
logo
Vitesse Semiconductor C...
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com