Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX364ESE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX364ESE
Description  Precision, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX364ESE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX364ESE Datasheet HTML 4Page - Maxim Integrated Products MAX364ESE Datasheet HTML 5Page - Maxim Integrated Products MAX364ESE Datasheet HTML 6Page - Maxim Integrated Products MAX364ESE Datasheet HTML 7Page - Maxim Integrated Products MAX364ESE Datasheet HTML 8Page - Maxim Integrated Products MAX364ESE Datasheet HTML 9Page - Maxim Integrated Products MAX364ESE Datasheet HTML 10Page - Maxim Integrated Products MAX364ESE Datasheet HTML 11Page - Maxim Integrated Products MAX364ESE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Precision, Quad, SPST Analog Switches
10
______________________________________________________________________________________
___________________Chip Topography
NO2
V+
NO3
VL
NO1
COM2
COM3
IN3
IN4
0.091"
(2.31mm)
0.071"
(1.80mm)
IN2
IN1
COM1
V-
GND
COM4
NO4
TRANSISTOR COUNT: 126;
SUBSTRATE CONNECTED TO V+.


Similar Part No. - MAX364ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364ESE MAXIM-MAX364ESE Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
MAX364ESE MAXIM-MAX364ESE Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
More results

Similar Description - MAX364ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX391 MAXIM-MAX391 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com