Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3668 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3668
Description  3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3668 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3668 Datasheet HTML 1Page - Maxim Integrated Products MAX3668 Datasheet HTML 2Page - Maxim Integrated Products MAX3668 Datasheet HTML 3Page - Maxim Integrated Products MAX3668 Datasheet HTML 4Page - Maxim Integrated Products MAX3668 Datasheet HTML 5Page - Maxim Integrated Products MAX3668 Datasheet HTML 6Page - Maxim Integrated Products MAX3668 Datasheet HTML 7Page - Maxim Integrated Products MAX3668 Datasheet HTML 8Page - Maxim Integrated Products MAX3668 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EYE DIAGRAM
(IMOD = 35mA)
200ps/div
PATTERN = 2
13 - 1 + 80 CID
IMOD = 35mA
622Mbps
EYE DIAGRAM
(IMOD = 75mA)
200ps/div
PATTERN = 2
13 - 1 + 80 CID
IMOD = 75mA
622Mbps
EYE DIAGRAM
(622Mbps, 1300nm LASER
WITH 467MHz FILTER)
193ps/div
223 - 1 PRBS
10
0.01
1
10
100
MONITOR DIODE CURRENT
vs. APC SET RESISTOR
0.1
1
RAPCSET (k
Ω)
1000
1
0.1
10
1
100
BIAS CURRENT vs.
MAXIMUM BIAS SET RESISTOR
10
100
RBIASMAX (k
Ω)
100
1
0.1
100
1000
MODULATION CURRENT
vs. MODULATION SET RESISTOR
10
RMODSET (k
Ω)
10
1
16
17
19
18
20
21
040
20
60
80
RANDOM JITTER
vs. MODULATON CURRENT
IMOD (mA)
INCLUDES RANDOM JITTER
DUE TO MEASUREMENT
EQUIPMENT
0
15
10
5
20
25
30
35
40
45
50
040
20
60
80
PULSE-WIDTH DISTORTION
vs. MODULATION CURRENT
IMOD (mA)
30
35
45
40
50
55
-40
10
-15
35
60
85
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = +3.3V
VCC = +5.0V
IBIAS = 48mA
IMOD = 33mA
+3.3V, 622Mbps SDH/SONET
Laser Driver with Automatic Power Control
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3668

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3668 MAXIM-MAX3668 Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
MAX3668E/D MAXIM-MAX3668E/D Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
MAX3668E/D MAXIM-MAX3668E/D Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
MAX3668EHJ MAXIM-MAX3668EHJ Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
MAX3668EHJ++ MAXIM-MAX3668EHJ+ Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
More results

Similar Description - MAX3668

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
MAX3663 MAXIM-MAX3663 Datasheet
271Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 2; 5/04
MAX3669 MAXIM-MAX3669_V01 Datasheet
297Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
2013
MAX3669 MAXIM-MAX3669_05 Datasheet
666Kb / 15P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 5; 2/05
MAX3669 MAXIM-MAX3669 Datasheet
758Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
19-1575; Rev 0; 10/99
logo
Vitesse Semiconductor C...
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com