Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3464ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3464ESA
Description  5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3464ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3464ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3464ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3464ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3464ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3464ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3464ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3464ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3464ESA Datasheet HTML 9Page - Maxim Integrated Products MAX3464ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
+5V, Fail-Safe, 20Mbps, Profibus RS-485/
RS-422 Transceivers
6
_______________________________________________________________________________________
Pin Description
PIN
MAX3460/
MAX3461
MAX3462
MAX3463/
MAX3464
FULL DUPLEX
HALF
DUPLEX
NAME
FUNCTION
1
——
SHDN
Shutdown. Drive SHDN high to enter low-power shutdown mode.
22
1
RO
Receiver Output. When RE is low and (A - B)
≥ -50mV, RO is high; if (A - B) ≤
-200mV, RO is low.
3
2
RE
Receiver Output Enable. Drive RE low to enable RO; RO is high impedance
when RE is high. Drive RE high and DE low to enter low-power shutdown mode.
4
3DE
Driver Output Enable. Drive DE high to enable driver output. These outputs
are high impedance when DE is low. Drive RE high and DE low to enter low-
power shutdown mode.
53
4
DI
Driver Input. With DE high, a low on DI forces the noninverting output low and
the inverting output high. Similarly, a high on DI forces the noninverting output
high and the inverting output low.
6, 7
4
5
GND
Ground
8
——
TXP
Transmitter Phase. Connect TXP to GND, or leave unconnected for normal
transmitter phase/polarity. Connect TXP to VCC to invert the transmitter
phase/polarity. TXP has an internal 15µA pulldown.
95
Y
Noninverting Driver Output
10
6
Z
Inverting Driver Output
11
7
B
Inverting Receiver Input
12
8
A
Noninverting Receiver Input
13
——
RXP
Receiver Phase. Connect RXP to GND, or leave unconnected for normal
receiver phase/polarity. Connect RXP to VCC to invert the receiver
phase/polarity. RXP has an internal 15µA pulldown.
14
1
8
VCC
Positive Supply: +4.75V
≤ VCC ≤ +5.25V. Bypass VCC to GND with a 0.1µF
capacitor.
——
7
B
Inverting Receiver Input and Inverting Driver Output
——
6
A
Noninverting Receiver Input and Noninverting Driver Output
Typical Operating Characteristics (continued)
(VCC = +5V, TA = +25°C, unless otherwise noted.)
0
5V/div
2V/div
5V/div
0
0
DRIVER AND RECEIVER
PROPAGATION DELAYS
MAX3460-64 toc13
DI
Y, Z
RO
10ns/div
0
0
ENABLE RESPONSE TIME
MAX3460-64 toc14
DE
Y, Z
20ns/div
1V/div
5V/div
EYE DIAGRAM
10ns/div


Similar Part No. - MAX3464ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465 MAXIM-MAX3465 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3465CPD MAXIM-MAX3465CPD Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465CPD MAXIM-MAX3465CPD Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
More results

Similar Description - MAX3464ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
ISL4486 RENESAS-ISL4486 Datasheet
764Kb / 11P
   5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
logo
Unisonic Technologies
UTRS485 UTC-UTRS485 Datasheet
236Kb / 8P
   FAIL-SAFE, 2.5MBPS RS-485 TRANSCEIVERS
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com