Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX349-MAX350 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX349-MAX350
Description  Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX349-MAX350 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX349-MAX350 Datasheet HTML 6Page - Maxim Integrated Products MAX349-MAX350 Datasheet HTML 7Page - Maxim Integrated Products MAX349-MAX350 Datasheet HTML 8Page - Maxim Integrated Products MAX349-MAX350 Datasheet HTML 9Page - Maxim Integrated Products MAX349-MAX350 Datasheet HTML 10Page - Maxim Integrated Products MAX349-MAX350 Datasheet HTML 11Page - Maxim Integrated Products MAX349-MAX350 Datasheet HTML 12Page - Maxim Integrated Products MAX349-MAX350 Datasheet HTML 13Page - Maxim Integrated Products MAX349-MAX350 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Note 1: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 2:
∆RON = RON(max) - RON(min). On-resistance match between channels and on-resistance flatness are guaranteed only with
specified voltages. Flatness is defined as the difference between the maximum and minimum value of on-resistance as
measured over the specified analog signal range.
Note 3: Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at room temp.
Note 4: Guaranteed by design.
Note 5: Leakage testing at single supply is guaranteed by testing with dual supplies.
Note 6: See Figure 6. Off-isolation = 20log10 VCOM/VNO, VCOM = output. NO = input to off switch.
Note 7: Between any two switches. See Figure 3.
Serially Controlled, Low-Voltage,
8-Channel/Dual 4-Channel Multiplexers
10
______________________________________________________________________________________
TIMING CHARACTERISTICS—Single +3V Supply (Figure 1)
(V+ = +3.0V to +3.6V, V- = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
SERIAL DIGITAL INTERFACE
RESET Minimum Pulse Width
(Note 4)
tRW
105
ns
TA = +25°C
Allowable Fall Time at DIN, SCLK
(Note 4)
tSCF
2
µs
20% of V+ to 70% of V+,
CL = 10pF
C, E, M
Fall Time of DOUT (Note 4)
tDF
100
ns
20% of V+ to 70% of V+,
CL = 10pF
C, E, M
Rise Time of DOUT (Note 4)
tDR
100
ns
20% of V+ to 70% of V+,
CL = 10pF
C, E, M
Allowable Rise Time at DIN,
SCLK (Note 4)
tSCR
2
µs
20% of V+ to 70% of V+,
CL = 10pF
C, E, M
DIN Data Valid after Falling SCLK
(Note 4)
tDO
400
ns
Data Hold Time (Note 4)
Minimum Data Setup Time
(Note 4)
tDS
38
120
ns
tDH
-38
150
50% of SCLK to 10% of
DOUT, CL = 10pF
SCLK Low Time (Note 4)
ns
tCL
C, E, M
190
ns
TA = +25°C
C, E, M
C, E, M
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 1)
UNITS
C, E, M
SCLK High Time (Note 4)
CS Lag Time (Note 4)
tCSH2
240
ns
tCH
190
CS Lead Time (Note 4)
Cycle Time (Note 4)
SCLK Frequency
fSCLK
ns
0
2.1
MHz
tCH +tCL
480
tCSS
240
ns
C, E, M
ns
C, E, M
C, E, M
C, E, M
C, E, M
CONDITIONS


Similar Part No. - MAX349-MAX350

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3490 MAXIM-MAX3490 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3490AE MAXIM-MAX3490AE Datasheet
939Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected
Rev 0; 3/16
MAX3490AEGSA++ MAXIM-MAX3490AEGSA+ Datasheet
939Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected
Rev 0; 3/16
MAX3490AEGSA++ MAXIM-MAX3490AEGSA+ Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3490C/D MAXIM-MAX3490C/D Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
More results

Similar Description - MAX349-MAX350

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4586 MAXIM-MAX4586 Datasheet
140Kb / 12P
   Serially Controlled, 4-Channel Serially Controlled, 4-Channel
Rev 0; 8/99
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
   Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
logo
Analog Devices
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG709CRUZ AD-ADG709CRUZ Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX382 MAXIM-MAX382 Datasheet
106Kb / 12P
   Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
19-0396; Rev. 0; 5/95
logo
Analog Devices
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
logo
Maxim Integrated Produc...
MAX338ESE MAXIM-MAX338ESE Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com