Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC75 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC75
Description  Quad bistable transparant latch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC75 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC75_15 Datasheet HTML 6Page - NXP Semiconductors 74HC75_15 Datasheet HTML 7Page - NXP Semiconductors 74HC75_15 Datasheet HTML 8Page - NXP Semiconductors 74HC75_15 Datasheet HTML 9Page - NXP Semiconductors 74HC75_15 Datasheet HTML 10Page - NXP Semiconductors 74HC75_15 Datasheet HTML 11Page - NXP Semiconductors 74HC75_15 Datasheet HTML 12Page - NXP Semiconductors 74HC75_15 Datasheet HTML 13Page - NXP Semiconductors 74HC75_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
9397 750 13816
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
10 of 20
Philips Semiconductors
74HC75
Quad bistable transparant latch
CPD
power dissipation
capacitance per latch
VI = GND to VCC
[1] -42
-
pF
Tamb = −40 °C to +85 °C
tPHL, tPLH
propagation delay
nD to nQ
see Figure 6
VCC = 2.0 V
-
-
140
ns
VCC = 4.5 V
-
-
28
ns
VCC = 6.0 V
-
-
24
ns
propagation delay
nD to nQ
see Figure 7
VCC = 2.0 V
-
-
150
ns
VCC = 4.5 V
-
-
30
ns
VCC = 6.0 V
-
-
26
ns
propagation delay
LEnn to nQ
see Figure 9
VCC = 2.0 V
-
-
150
ns
VCC = 4.5 V
-
-
30
ns
VCC = 6.0 V
-
-
26
ns
propagation delay
LEnn to nQ
see Figure 9
VCC = 2.0 V
-
-
155
ns
VCC = 4.5 V
-
-
31
ns
VCC = 6.0 V
-
-
26
ns
tTHL, tTLH
output transition time
see Figure 6 and 7
VCC = 2.0 V
-
-
95
ns
VCC = 4.5 V
-
-
19
ns
VCC = 6.0 V
-
-
16
ns
tW
enable pulse width
HIGH
see Figure 9
VCC = 2.0 V
100
-
-
ns
VCC = 4.5 V
20
-
-
ns
VCC = 6.0 V
17
-
-
ns
tsu
set-up time nD to
LEnn
see Figure 8
VCC = 2.0 V
75
-
-
ns
VCC = 4.5 V
15
-
-
ns
VCC = 6.0 V
13
-
-
ns
th
hold time nD to LEnn
see Figure 8
VCC = 2.0 V
3
-
-
ns
VCC = 4.5 V
3
-
-
ns
VCC = 6.0 V
3
-
-
ns
Table 8:
Dynamic characteristics …continued
GND = 0 V; tr =tf = 6 ns; CL = 50 pF; unless otherwise specified, see Figure 10.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74HC75_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7541 PHILIPS-74HC7541 Datasheet
55Kb / 7P
   Octal Schmitt trigger buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HC7541 NEXPERIA-74HC7541 Datasheet
253Kb / 14P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 8 - 3 August 2021
74HC7541-Q100 NEXPERIA-74HC7541-Q100 Datasheet
951Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state
74HC7541-Q100 NEXPERIA-74HC7541-Q100 Datasheet
252Kb / 14P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 2 - 3 August 2021
logo
NXP Semiconductors
74HC7541D NXP-74HC7541D Datasheet
35Kb / 2P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 3-25 July 2011
More results

Similar Description - 74HC75_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC75N NXP-74HC75N Datasheet
87Kb / 20P
   Quad bistable transparant latch
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC75 NEXPERIA-74HC75 Datasheet
257Kb / 16P
   Quad bistable transparant latch
Rev. 5 - 17 March 2021
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
   Quad bistable transparent latch
December 1990
logo
Hitachi Semiconductor
HD74HC375 HITACHI-HD74HC375 Datasheet
49Kb / 8P
   Quad. Bistable Latches
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
   4-bit Bistable Latch
logo
Renesas Technology Corp
HD74HC77 RENESAS-HD74HC77 Datasheet
96Kb / 7P
   4-bit Bistable Latch
HD74HC375 RENESAS-HD74HC375 Datasheet
97Kb / 7P
   Quad. Bistable Latches
logo
Hitachi Semiconductor
HD74HC75 HITACHI-HD74HC75 Datasheet
47Kb / 8P
   Quad. Bistable Latches
logo
Renesas Technology Corp
HD74HC75 RENESAS-HD74HC75 Datasheet
103Kb / 8P
   Quad. Bistable Latches
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com