Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3488ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3488ESA
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3488ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3488ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3488ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3488ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3488ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3488ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3488ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3488ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3488ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3488ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
_______________________________________________________________________________________
5
__________________________________________Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
OUTPUT CURRENT vs.
RECEIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
OUTPUT CURRENT vs.
RECEIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
3.00
3.05
3.10
3.15
3.20
3.25
3.30
-40
-20
0
20
40
60
100
80
RECEIVER OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
IRO = 1.5mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40
-20
0
20
40
60
100
80
RECEIVER OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
IRO = 2.5mA
25
0
50
75
100
125
150
175
02
46
8
10
12
OUTPUT CURRENT vs.
DRIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
DRIVER OUTPUT CURRENT vs.
DIFFERENTIAL OUTPUT VOLTAGE
DIFFERENTIAL OUTPUT VOLTAGE (V)
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.6
2.5
-40
-20
0
20
40
60
100
80
DRIVER DIFFERENTIAL OUTPUT
VOLTAGE vs.TEMPERATURE
TEMPERATURE (°C)
R = 54
0
-100
-80
-60
-40
-20
5
4
3
2
1
0
-7 -6
-3
-4
-5
-2 -1
OUTPUT CURRENT vs.
DRIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)


Similar Part No. - MAX3488ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3488E MAXIM-MAX3488E Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3488ECPA MAXIM-MAX3488ECPA Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3488ECPA MAXIM-MAX3488ECPA Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3488ECSA MAXIM-MAX3488ECSA Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3488ECSA MAXIM-MAX3488ECSA Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
More results

Similar Description - MAX3488ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3491EESD-T MAXIM-MAX3491EESD-T Datasheet
674Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com