Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV164 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LV164
Description  8-bit serial-in/parallel-out shift register
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV164 Datasheet(HTML) 1 Page - NXP Semiconductors

  74LV164_15 Datasheet HTML 1Page - NXP Semiconductors 74LV164_15 Datasheet HTML 2Page - NXP Semiconductors 74LV164_15 Datasheet HTML 3Page - NXP Semiconductors 74LV164_15 Datasheet HTML 4Page - NXP Semiconductors 74LV164_15 Datasheet HTML 5Page - NXP Semiconductors 74LV164_15 Datasheet HTML 6Page - NXP Semiconductors 74LV164_15 Datasheet HTML 7Page - NXP Semiconductors 74LV164_15 Datasheet HTML 8Page - NXP Semiconductors 74LV164_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74LV164 is a low-voltage, Si-gate CMOS device and is pin and function compatible
with the 74HC164 and 74HCT164.
The 74LV164 is an 8-bit edge-triggered shift register with serial data entry and an output
from each of the eight stages. Data is entered serially through one of two inputs (DSA or
DSB) and either input can be used as an active HIGH enable for data entry through the
other input. Both inputs must be connected together or an unused input must be tied
HIGH.
Data shifts one place to the right on each LOW-to-HIGH transition of the clock input (CP)
and enters into Q0, which is the logical AND-function of the two data inputs (DSA and
DSB) that existed one set-up time prior to the rising clock edge.
A LOW on the master reset input (MR) overrides all other inputs and clears the register
asynchronously, forcing all outputs LOW.
2.
Features
s Wide operating voltage: 1.0 V to 5.5 V
s Optimized for low-voltage applications: 1.0 V to 3.6 V
s Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
s Typical VOLP (output ground bounce): < 0.8 V at VCC = 3.3 V and Tamb = 25 °C
s Typical VOHV (output VOH undershoot): > 2 V at VCC = 3.3 V and Tamb = 25 °C
s Gated serial data inputs
s Asynchronous master reset
s ESD protection:
x HBM EIA/JESD22-A114-B exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V.
s Specified from
−40 °Cto+80 °C and from −40 °C to +125 °C.
3.
Quick reference data
74LV164
8-bit serial-in/parallel-out shift register
Rev. 03 — 4 February 2005
Product data sheet
Table 1:
Quick reference data
GND = 0 V; Tamb =25 °C; tr =tf ≤ 2.5 ns.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
tPHL,
tPLH
propagation delay
VCC = 3.3 V; CL =15pF
CP to Qn
-
12
-
ns
MR to Qn
-
12
-
ns


Similar Part No. - 74LV164_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV164-Q100 NEXPERIA-74LV164-Q100 Datasheet
768Kb / 19P
   8-bit serial-in/parallel-out shift register
logo
Texas Instruments
74LV164A TI-74LV164A Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74LV164AD TI1-74LV164AD Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
logo
Nexperia B.V. All right...
74LV164BQ NEXPERIA-74LV164BQ Datasheet
259Kb / 15P
   8-bit serial-in/parallel-out shift register
Rev. 6 - 15 September 2021
74LV164BQ-Q100 NEXPERIA-74LV164BQ-Q100 Datasheet
768Kb / 19P
   8-bit serial-in/parallel-out shift register
More results

Similar Description - 74LV164_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com