Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC_LVCH244A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC_LVCH244A
Description  Octal buffer/line driver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC_LVCH244A Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC_LVCH244A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVC_LVCH244A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVC_LVCH244A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVC_LVCH244A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC_LVCH244A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC_LVCH244A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC_LVCH244A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC_LVCH244A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC_LVCH244A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
74LVC_LVCH244A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 26 June 2013
2 of 19
NXP Semiconductors
74LVC244A; 74LVCH244A
Octal buffer/line driver; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC244AD
40 C to +125 C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74LVCH244AD
74LVC244ADB
40 C to +125 C
SSOP20
plastic shrink small outline package; 20 leads;
body width 5.3 mm
SOT339-1
74LVCH244ADB
74LVC244APW
40 C to +125 C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74LVCH244APW
74LVC244ABQ
40 C to +125 C
DHVQFN20
plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 20 terminals;
body 2.5
 4.5  0.85 mm
SOT764-1
74LVCH244ABQ
74LVC244ABX
40 C to +125 C
DHXQFN20
plastic dual in-line compatible thermal enhanced
extremely thin quad flat package; no leads; 20
terminals; body 4.5
 2.5  0.5 mm
SOT1045-2
74LVCH244ABX
Fig 1.
Logic symbol
mna874
8
6
4
2
1A0
1A1
1A2
1A3
1OE
18
16
1Y0
1Y1
1Y2
1Y3
14
12
1
11
13
15
17
2A0
2A1
2A2
2A3
2OE
3
5
2Y0
2Y1
2Y2
2Y3
7
9
19


Similar Part No. - 74LVC_LVCH244A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC_LVCH245A PHILIPS-74LVC_LVCH245A Datasheet
139Kb / 18P
   Octal bus transceiver; 3-state
Rev. 8-28 June 2013
74LVC_LVCH245A PHILIPS-74LVC_LVCH245A_15 Datasheet
139Kb / 18P
   Octal bus transceiver; 3-state
Rev. 8-28 June 2013
More results

Similar Description - 74LVC_LVCH244A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com