Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC_LVCH16373A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC_LVCH16373A
Description  16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC_LVCH16373A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC_LVCH16373A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC_LVCH16373A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC_LVCH16373A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC_LVCH16373A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC_LVCH16373A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC_LVCH16373A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVC_LVCH16373A_15 Datasheet HTML 10Page - NXP Semiconductors 74LVC_LVCH16373A_15 Datasheet HTML 11Page - NXP Semiconductors 74LVC_LVCH16373A_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74LVC_LVCH16373A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 6 January 2014
8 of 17
NXP Semiconductors
74LVC16373A; 74LVCH16373A
16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
10. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 10.
Symbol Parameter
Conditions
Tamb = 40 C to +85 C 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation
delay
Dn to Qn; see Figure 6
[2]
VCC = 1.2 V
-
12
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
5.4
11.4
1.5
13.2
ns
VCC = 2.3 V to 2.7 V
1.0
2.9
5.7
1.0
6.6
ns
VCC = 2.7 V
1.5
2.9
4.9
1.5
6.5
ns
VCC = 3.0 V to 3.6 V
1.0
2.4
4.4
1.0
5.5
ns
LE to Qn; see Figure 7
VCC = 1.2 V
-
14
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.0
6.4
12.4
2.0
14.4
ns
VCC = 2.3 V to 2.7 V
1.5
3.4
6.1
1.5
7.1
ns
VCC = 2.7 V
1.5
3.0
5.3
1.5
7.0
ns
VCC = 3.0 V to 3.6 V
1.5
2.9
4.8
1.5
6.0
ns
ten
enable time
OE to Qn; see Figure 8
[2]
VCC = 1.2 V
-
18
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
5.5
12.4
1.5
14.3
ns
VCC = 2.3 V to 2.7 V
1.0
3.1
6.6
1.0
7.6
ns
VCC = 2.7 V
1.5
3.3
5.7
1.5
7.5
ns
VCC = 3.0 V to 3.6 V
1.0
2.5
4.9
1.0
6.5
ns
tdis
disable time
OE to Qn; see Figure 8
[2]
VCC = 1.2 V
-
11
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.8
4.5
9.1
2.8
10.5
ns
VCC = 2.3 V to 2.7 V
1.0
2.5
5.1
1.0
6.0
ns
VCC = 2.7 V
1.5
3.3
6.3
1.5
8.0
ns
VCC = 3.0 V to 3.6 V
1.5
3.1
5.4
1.5
7.0
ns
tW
pulse width
LE HIGH; see Figure 7
VCC = 1.65 V to 1.95 V
5.0
-
-
5.0
-
ns
VCC = 2.3 V to 2.7 V
4.0
-
-
4.0
-
ns
VCC = 2.7 V
3.0
-
-
3.0
-
ns
VCC = 3.0 V to 3.6 V
3.0
2.0
-
3.0
-
ns
tsu
set-up time
Dn to LE; see Figure 9
VCC = 1.65 V to 1.95 V
3.0
-
-
3.0
-
ns
VCC = 2.3 V to 2.7 V
2.5
-
-
2.5
-
ns
VCC = 2.7 V
2.0
-
-
2.0
-
ns
VCC = 3.0 V to 3.6 V
2.0
1.0
-
2.0
-
ns


Similar Part No. - 74LVC_LVCH16373A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
   16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
More results

Similar Description - 74LVC_LVCH16373A_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC16373A-Q100 NEXPERIA-74LVC16373A-Q100 Datasheet
252Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
logo
NXP Semiconductors
74LVCH16373A PHILIPS-74LVCH16373A Datasheet
114Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVC16373A NEXPERIA-74LVC16373A Datasheet
261Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 10 - 1 October 2021
logo
NXP Semiconductors
74LVC16373A PHILIPS-74LVC16373A Datasheet
83Kb / 10P
   16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVCH32373A PHILIPS-74LVCH32373A Datasheet
80Kb / 16P
   32-bit transparent D-type latch with 5 V tolerant inputs/outputs; 3-state
1999 Nov 24
logo
Nexperia B.V. All right...
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC573A PHILIPS-74LVC573A_15 Datasheet
161Kb / 20P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5-19 February 2013
logo
Nexperia B.V. All right...
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A_15 Datasheet
150Kb / 19P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 3-22 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com