Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC_LVCH162244A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC_LVCH162244A
Description  16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC_LVCH162244A Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC_LVCH162244A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC_LVCH162244A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
74LVC_LVCH162244A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 December 2011
4 of 15
NXP Semiconductors
74LVC162244A; 74LVCH162244A
16-bit buffer/line driver; 30
 resistors; 5 V tolerance; 3-state
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
7.
Limiting values
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
The output voltage ratings may be exceeded if the output current ratings are observed.
[3]
Above 60
C the value of P
tot derates linearly with 5.5 mW/K.
2Y[0:3]
8, 9, 11, 12
data output
3Y[0:3]
13, 14, 16, 17
data output
4Y[0:3]
19, 20, 22, 23
dataoutput
Table 2.
Pin description …continued
Symbol
Pin
Description
Table 3.
Function table[1]
Control
Input
Output
nOE
nAn
nYn
LLL
LH
H
HX
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO >VCC or VO <0V
-
50
mA
VO
output voltage
output HIGH or LOW
[2]
0.5
VCC +0.5
V
output 3-state
[2]
0.5
+6.5
V
IO
output current
VO =0V to VCC
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C;
[3] -500
mW


Similar Part No. - 74LVC_LVCH162244A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
   16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
More results

Similar Description - 74LVC_LVCH162244A_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVCH162244A NEXPERIA-74LVCH162244A Datasheet
249Kb / 13P
   16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
logo
NXP Semiconductors
74LVCH322244A PHILIPS-74LVCH322244A_15 Datasheet
166Kb / 14P
   32-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 3-16 December 2011
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC2244A PHILIPS-74LVC2244A_15 Datasheet
251Kb / 17P
   Octal buffer/line driver; 30 ??series termination; 5 V tolerant input/output; 3-state
Rev. 5-3 November 2011
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVC2244A PHILIPS-74LVC2244A Datasheet
84Kb / 16P
   Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com