Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX353ESE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX353ESE
Description  Precision, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX353ESE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX353ESE Datasheet HTML 1Page - Maxim Integrated Products MAX353ESE Datasheet HTML 2Page - Maxim Integrated Products MAX353ESE Datasheet HTML 3Page - Maxim Integrated Products MAX353ESE Datasheet HTML 4Page - Maxim Integrated Products MAX353ESE Datasheet HTML 5Page - Maxim Integrated Products MAX353ESE Datasheet HTML 6Page - Maxim Integrated Products MAX353ESE Datasheet HTML 7Page - Maxim Integrated Products MAX353ESE Datasheet HTML 8Page - Maxim Integrated Products MAX353ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX351/MAX352/MAX353 are precision, quad,
single-pole single-throw (SPST) analog switches. The
MAX351 has four normally closed (NC), and the MAX352
has four normally open (NO) switches. The MAX353 has
two NO and two NC switches. All three parts offer low on
resistance (less than 35
Ω), guaranteed to match within 2Ω
between channels and to remain flat over the analog signal
range (
∆3Ω max). They also offer low leakage (less than
250pA at +25°C and less than 6nA at +85°C) and fast
switching (turn-on time less than 175ns and turn-off time
less than 145ns).
The MAX351/MAX352/MAX353 are fabricated with Maxim’s
new improved 44V silicon-gate process. Design improve-
ments guarantee extremely low charge injection (10pC), low
power consumption (35µW), and electrostatic discharge
(ESD) greater than 2000V. The 44V maximum breakdown
voltage allows rail-to-rail analog signal handling.
These monolithic switches operate with a single positive
supply (+10V to +30V) or with split supplies (±4.5V to ±20V)
while retaining CMOS-logic input compatibility and fast
switching. CMOS inputs provide reduced input loading.
________________________Applications
Sample-and-Hold Circuits
Military Radios
Guidance and Control Systems Communications Systems
Heads-Up Displays
Battery-Operated Systems
Test Equipment
PBX, PABX
____________________________Features
o Low On Resistance < 22
Ω Typical (35Ω Max)
o Guaranteed Matched On Resistance Between
Channels < 2
o Guaranteed Flat On Resistance Over Analog
Signal Range
∆3Ω Max
o Guaranteed Charge Injection < 10pC
o Guaranteed Off-Channel Leakage < 6nA at +85°C
o ESD Guaranteed > 2000V per Method 3015.7
o Single-Supply Operation (+10V to +30V)
Bipolar-Supply Operation (±4.5V to ±20V)
o TTL-/CMOS-Logic Compatibility
o Rail-to-Rail Analog Signal Handling Capability
______________Ordering Information
Precision, Quad, SPST Analog Switches
________________________________________________________________
Maxim Integrated Products
1
SWITCHES SHOWN FOR LOGIC "0" INPUT
DIP/SO
MAX352
LOGIC
SWITCH
0
1
OFF
ON
TOP VIEW
DIP/SO
MAX351
LOGIC
SWITCH
0
1
ON
OFF
DIP/SO
MAX353
LOGIC
SWITCHES
1, 4
0
1
OFF
ON
SWITCHES
2, 3
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NO1
COM1
IN1
MAX353
VL
NC3
COM3
IN3
IN4
COM4
NO4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NC1
COM1
IN1
MAX351
VL
NC3
COM3
IN3
IN4
COM4
NC4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NO2
V+
V-
NO1
COM1
IN1
MAX352
VL
NO3
COM3
IN3
IN4
COM4
NO4
GND
_____________________Pin Configurations/Functional Diagrams/Truth Tables
Call toll free 1-800-998-8800 for free samples or literature.
19-0212; Rev 1; 4/94
PART
TEMP. RANGE
PIN-PACKAGE
MAX351CPE
0°C to +70°C
16 Plastic DIP
MAX351CSE
0°C to +70°C
16 Narrow SO
MAX351C/D
0°C to +70°C
Dice*
Ordering Information continued on last page.
* Contact factory for availability and processing to MIL-STD-883.
MAX351EPE
-40°C to +85°C
16 Plastic DIP
MAX351ESE
-40°C to +85°C
16 Narrow SO
MAX351EJE
-40°C to +85°C
16 CERDIP
MAX351MJE
-55°C to +125°C
16 CERDIP


Similar Part No. - MAX353ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX353 MAXIM-MAX353 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX3532 MAXIM-MAX3532 Datasheet
84Kb / 8P
   Upstream CATV Driver Amplifier
Rev 1; 6/98
MAX3532EAX MAXIM-MAX3532EAX Datasheet
84Kb / 8P
   Upstream CATV Driver Amplifier
Rev 1; 6/98
MAX3535E MAXIM-MAX3535E Datasheet
794Kb / 25P
   3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with 짹15kV ESD Protection
MAX3535E MAXIM-MAX3535E Datasheet
108Kb / 5P
   Center-Tapped, Full-Wave Rectifier Output
Rev 0; 12/06
More results

Similar Description - MAX353ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX391 MAXIM-MAX391 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com