Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT42W Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # BAT42W
Description  SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

BAT42W Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  BAT42W Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd BAT42W Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
· Low Forward Voltage Drop
· Suffix "H" indicates Halogen-free parts, ex. BAT42WH
Maximum Ratings@T A =25
Unit
mW
V
V
mA
A
Electrical Characteristics@T A =25
Min.
Max.
Unit
30
--
V
--
500
nA
BAT42W
--
0.40
BAT42W
--
0.65
BAT43W
0.26
0.33
BAT43W
--
0.45
--
1.00
pF
Reverse Leakage Current
Breakdown Voltage
VF
Symbol
BV
BAT42W,BAT43W
Forward Voltage
IR
VR=25V
BAT42W / BAT43W
SCHOTTKY DIODES
· Flat Lead SOD-123 Small Outline Plastic Package
200
IF(AV)
VRRM
Parameter
Maximum DC Blocking Voltage
VR
30
IR=100μA
+125
TSTG
Operating Junction Temperature
Storage Temperature Range
Peak Forward Surge Current
Average Forward Current
400
-65 to +125
4
Test Conditions
SOD-123FL
Dimensions in inch and (millimeters)
Repetitive Peak Reverse Voltage
Parameter
Symbol
PD
Power Dissipation
Value
30
· Surface Device Type Mounting
IFSM
TJ
nS
Capacitance
C
Reverse Recovery Time
TRR
7 (Typical)
IF=10mA
V
5 (Typical)
VR=1.0V, f=1.0MHZ
IF=IR=10mA, RL=100Ω
IRR=1.0mA
IF=50mA
IF=2mA
IF=15mA
IF=200mA
YENYO
Revision 1.1


Similar Part No. - BAT42W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42W PANJIT-BAT42W Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Sangdest Microelectroni...
BAT42W SMC-BAT42W Datasheet
179Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
BAT42W BILIN-BAT42W Datasheet
146Kb / 4P
   Schottky Barrier Diode
logo
Tak Cheong Electronics ...
BAT42W TAK_CHEONG-BAT42W Datasheet
124Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
logo
Pan Jit International I...
BAT42W PANJIT-BAT42W Datasheet
78Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

Similar Description - BAT42W

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com