Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX362MJE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX362MJE
Description  Precision, Quad, SPST Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX362MJE Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX362MJE Datasheet HTML 1Page - Maxim Integrated Products MAX362MJE Datasheet HTML 2Page - Maxim Integrated Products MAX362MJE Datasheet HTML 3Page - Maxim Integrated Products MAX362MJE Datasheet HTML 4Page - Maxim Integrated Products MAX362MJE Datasheet HTML 5Page - Maxim Integrated Products MAX362MJE Datasheet HTML 6Page - Maxim Integrated Products MAX362MJE Datasheet HTML 7Page - Maxim Integrated Products MAX362MJE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8
___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1993 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Precision, Quad, SPST Analog Switches
METER
IMPEDANCE
ANALYZER OR
EQUIVALENT
COM_
NO_
OR
NC_
GND
C
V+
+15V
IN_
0.8V, 2.4V
V-
-15V
C
+V
f = 1MHz
V+
NC_ OR NO_
V-
COM_
Vg
___________________Chip Topography
COM3
COM4
0.091"
(2.31mm)
0.071"
(1.80mm)
V-
GND
NO4
IN3
IN4
NO3
N.C.
NO2
V+
COM1
IN1
IN2
COM2
NO1
Figure 5. Channel Capacitance Test Circuit
Figure 6. Overvoltage Protection Using Blocking Diodes
TRANSISTOR COUNT: 126;
SUBSTRATE CONNECTED TO V+.


Similar Part No. - MAX362MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX362MJE MAXIM-MAX362MJE Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
More results

Similar Description - MAX362MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX391 MAXIM-MAX391 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com