Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130094-0413 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130094-0413
Description  Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130094-0413 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130094-0413 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130094-0413
Status:
Active
Overview:
Support Grips
Description:
Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
25.40-31.50mm (1.000-1.240"), Approximate Break Strength 762.04kg (1,680 lbs),
Stainless Steel
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Grips
Series
130094
Eye Type
Offset
NEMA Rating
NEMA 4
O-Ring
No
Overview
Support Grips
Product Name
Standard Duty
Type
Support Grip
UPC
78678809902
Woodhead
Yes
Physical
Approximate Break Strength
762.04kg (1,680 lbs)
Bale Length
0.127m (5.00")
Body Style
Straight
Cable Diameter
25.40-31.50mm (1.000-1.240")
Color - Grommet
N/A
Gender
N/A
Material - Body
N/A
Material - Grip
Stainless Steel
Mesh Length
0.38m (15.00")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
35303SS
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130094Series
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130094-0413

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0410 MOLEX11-130094-0410 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0411 MOLEX11-130094-0411 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0412 MOLEX11-130094-0412 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0414 MOLEX11-130094-0414 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0415 MOLEX11-130094-0415 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
More results

Similar Description - 130094-0413

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0408 MOLEX11-130094-0408 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0409 MOLEX11-130094-0409 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0415 MOLEX11-130094-0415 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0419 MOLEX11-130094-0419 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0420 MOLEX11-130094-0420 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0424 MOLEX11-130094-0424 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0425 MOLEX11-130094-0425 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
1300940408 MOLEX11-1300940408 Datasheet
29Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
1300940409 MOLEX11-1300940409 Datasheet
28Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
1300940421 MOLEX11-1300940421 Datasheet
28Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
1300940425 MOLEX11-1300940425 Datasheet
28Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com