Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130094-0414 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130094-0414
Description  Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130094-0414 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130094-0414 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/18/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130094-0414
Status:
Active
Overview:
Support Grips
Description:
Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
31.75-37.85mm (1.250-1.490"), Approximate Break Strength 762.04kg (1,680 lbs)
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR32159
General
Product Family
Cable Grips
Series
130094
Eye Type
Offset
O-Ring
N/A
Overview
Support Grips
Product Literature Order No
987650-8065
Product Name
Standard Duty
Type
Support Grip
UPC
78678835304
Woodhead
Yes
Physical
Approximate Break Strength
762.04kg (1,680 lbs)
Bale Length
0.127m (5.00")
Body Style
Straight
Cable Diameter
31.75-37.85mm (1.250-1.490")
Color - Grommet
N/A
Gender
N/A
Material - Body
N/A
Material - Grip
Non-magnetic Tin Bronze Wire
Mesh Length
0.406m (16.00")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
35304
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130094Series
This document was generated on 12/18/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130094-0414

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0410 MOLEX11-130094-0410 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0411 MOLEX11-130094-0411 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0412 MOLEX11-130094-0412 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0413 MOLEX11-130094-0413 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0415 MOLEX11-130094-0415 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
More results

Similar Description - 130094-0414

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0408 MOLEX11-130094-0408 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0409 MOLEX11-130094-0409 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0415 MOLEX11-130094-0415 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0419 MOLEX11-130094-0419 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0420 MOLEX11-130094-0420 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0424 MOLEX11-130094-0424 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
130094-0425 MOLEX11-130094-0425 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
1300940408 MOLEX11-1300940408 Datasheet
29Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
1300940409 MOLEX11-1300940409 Datasheet
28Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
1300940421 MOLEX11-1300940421 Datasheet
28Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
1300940425 MOLEX11-1300940425 Datasheet
28Kb / 1P
   Standard Duty Support Grip, Offset Eye, Split Rod, Single Weave, Cable Diameter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com