Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3737EGJ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3737EGJ
Description  Multirate Laser Driver with Extinction Ratio Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3737EGJ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3737EGJ Datasheet HTML 1Page - Maxim Integrated Products MAX3737EGJ Datasheet HTML 2Page - Maxim Integrated Products MAX3737EGJ Datasheet HTML 3Page - Maxim Integrated Products MAX3737EGJ Datasheet HTML 4Page - Maxim Integrated Products MAX3737EGJ Datasheet HTML 5Page - Maxim Integrated Products MAX3737EGJ Datasheet HTML 6Page - Maxim Integrated Products MAX3737EGJ Datasheet HTML 7Page - Maxim Integrated Products MAX3737EGJ Datasheet HTML 8Page - Maxim Integrated Products MAX3737EGJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Multirate Laser Driver with Extinction
Ratio Control
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, CAPC = 0.01µF, IBIAS = 20mA, IMOD = 30mA, TA = +25°C, unless otherwise noted.)
OPTICAL EYE DIAGRAM
(2.7Gbps, 27 - 1PRBS, 2.3GHz FILTER)
54ps/div
1310nm FP LASER
Er = 8.2dB
OPTICAL EYE DIAGRAM
(1.25Gbps, 27 - 1PRBS, 940MHz FILTER)
116ps/div
1310nm FP LASER
Er = 8.2dB
OPTICAL EYE DIAGRAM
(155Mbps, 27 - 1PRBS, 117MHz FILTER, CAPC = 0.1
µF)
920ps/div
ELECTRICAL EYE DIAGRAM
(IMOD = 30mA, 2.7Gbps, 27 - 1PRBS)
52ps/div
75mV/div
SUPPLY CURRENT (ICC) vs. TEMPERATURE
(EXCLUDES BIAS AND MODULATION CURRENTS)
TEMPERATURE (
°C)
60
40
20
0
-20
40
45
50
55
60
65
35
-40
80
VCC = 3.63V
VCC = 2.97V
VCC = 3.3V
IMOD = 60mA
IBIAS = 60mA
BIAS-CURRENT MONITOR GAIN
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
72
74
76
78
80
82
84
86
88
90
70
-40
85
PHOTO-CURRENT MONITOR GAIN
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
0.80
-40
85


Similar Part No. - MAX3737EGJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3737EGJ MAXIM-MAX3737EGJ Datasheet
509Kb / 16P
   Multirate Laser Driver with Extinction Ratio Control 100mA Bias Current
Rev 3; 6/11
More results

Similar Description - MAX3737EGJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3737 MAXIM-MAX3737_11 Datasheet
509Kb / 16P
   Multirate Laser Driver with Extinction Ratio Control 100mA Bias Current
Rev 3; 6/11
MAX3738 MAXIM-MAX3738 Datasheet
403Kb / 14P
   1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3646 MAXIM-MAX3646 Datasheet
832Kb / 14P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 1; 7/04
MAX3646 MAXIM-MAX3646_11 Datasheet
348Kb / 15P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 6/11
MAX3738 MAXIM-MAX3738_08 Datasheet
362Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 12/08
MAX3738 MAXIM-MAX3738_11 Datasheet
441Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11
logo
OPLINK Communications I...
DTR-1250-SM-LC-MR OPLINK-DTR-1250-SM-LC-MR Datasheet
116Kb / 6P
   Multirate Laser Transceivers
logo
Analog Devices
AD9661A AD-AD9661A Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
logo
Maxim Integrated Produc...
MAX3865 MAXIM-MAX3865 Datasheet
633Kb / 16P
   2.5Gbps Laser Driver with Automatic Modulation Control
19-2247; Rev 1; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com