Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3800 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3800
Description  3.2Gbps Adaptive Equalizer and Cable Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3800 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3800 Datasheet HTML 1Page - Maxim Integrated Products MAX3800 Datasheet HTML 2Page - Maxim Integrated Products MAX3800 Datasheet HTML 3Page - Maxim Integrated Products MAX3800 Datasheet HTML 4Page - Maxim Integrated Products MAX3800 Datasheet HTML 5Page - Maxim Integrated Products MAX3800 Datasheet HTML 6Page - Maxim Integrated Products MAX3800 Datasheet HTML 7Page - Maxim Integrated Products MAX3800 Datasheet HTML 8Page - Maxim Integrated Products MAX3800 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX3800 is a +3.3V adaptive cable equalizer and
cable driver implemented together on a single chip. It is
designed for coaxial and twin-axial cable point-to-point
communications applications. The driver features differ-
ential current-mode logic (CML) inputs and outputs as
well as adjustable output amplitude. The equalizer
includes differential CML data inputs and outputs, a
loss-of-signal (LOS) output, and a cable integrity moni-
tor (CIM) output.
The adaptive cable equalizer is capable of equalizing
differential or single-ended signals at data rates up to
3.2Gbps. It automatically adjusts to attenuation caused
by skin-effect losses of up to 30dB at 1.6GHz. The
equalizer effectively extends the usable length of cop-
per cable in high-frequency interconnect applications.
The MAX3800 is available in a 32-pin TQFP package
with exposed pad and consumes only 200mW at
+3.3V. The driver can be disconnected from the power
supply when it is not needed, resulting in a 40% reduc-
tion in supply current.
Applications
High-Speed Links in Communications
and Data Systems
Backplane and Interconnect Applications
SDH/SONET Transmission Equipment
Features
o Single +3.3V Operation
o Typical Power Dissipation = 200mW at +3.3V
o Data Rates Up to 3.2Gbps
o Adjustable Cable Driver Output Amplitude
o Equalizer Automatically Adjusts for Different
Cable Lengths
o 0dB to 30dB Equalization at 1.6GHz (3.2Gbps)
o Loss-of-Signal (LOS) Indicator
o Cable Integrity Monitor (CIM)
o On-Chip Input and Output Terminations
o Low External Component Count
o Operating Temperature Range = 0°C to +85°C
o ESD Protection on Cable Inputs and Outputs
3.2Gbps Adaptive Equalizer
and Cable Driver
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
DOUT
EIN
DIN
EOUT
MAX3800
DOUT
EIN
DIN
THIS SYMBOL INDICATES A CONTROLLED-IMPEDANCE TRANSMISSION LINE.
EOUT
RMOD
CIM
MAX3800
+3.3V
+3.3V
LOS
RMOD
CIM
LOS
Typical Application Circuit
19-1953; Rev 1; 11/01
PART
TEMP. RANGE
PIN-PACKAGE
MAX3800UGJ
0
°C to +85°C
32 QFN
MAX3800UHJ
0
°C to +85°C
32 TQFP-EP*
*EP = exposed pad
Pin Configuration appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX3800

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3801 MAXIM-MAX3801 Datasheet
1Mb / 10P
   3.2Gbps Adaptive Equalizer
19-1999; Rev 4; 7/04
MAX3801UGG MAXIM-MAX3801UGG Datasheet
68Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
MAX3801UGG MAXIM-MAX3801UGG Datasheet
1Mb / 10P
   3.2Gbps Adaptive Equalizer
19-1999; Rev 4; 7/04
MAX3801UTG MAXIM-MAX3801UTG Datasheet
1Mb / 10P
   3.2Gbps Adaptive Equalizer
19-1999; Rev 4; 7/04
MAX3801UTG++ MAXIM-MAX3801UTG+ Datasheet
1Mb / 10P
   3.2Gbps Adaptive Equalizer
19-1999; Rev 4; 7/04
More results

Similar Description - MAX3800

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3802 MAXIM-MAX3802 Datasheet
830Kb / 12P
   3.2Gbps Quad Adaptive Cable Equalizer with Cable Driver
19-2289; Rev 0; 1/02
MAX3801 MAXIM-MAX3801 Datasheet
1Mb / 10P
   3.2Gbps Adaptive Equalizer
19-1999; Rev 4; 7/04
logo
Semtech Corporation
GS3490 SEMTECH-GS3490 Datasheet
1Mb / 22P
   Configurable Adaptive Cable Equalizer/Cable Driver
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com