Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1702002605 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 1702002605
Description  15.6" Ubiquitous Touch Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

1702002605 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  1702002605 Datasheet HTML 1Page - Advantech Co., Ltd. 1702002605 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Interactive Self-service Terminals
Features
UTC-515
15.6" Ubiquitous Touch Computer
UTC-515D with Intel® Bay Trail J1900
UTC-515E with Intel® Haswell i5-4300U
ƒ Low Power & Fanless design
ƒ Built-in Intel® Bay Trail J1900 (UTC-515D)
ƒ Built-in Intel® Haswell i5-4300U (UTC-515E)
ƒ Providing Natural Viewing Experience with 16:9 15.6" Display
ƒ Front panel complies with IP65 protection standard
ƒ All in one aluminum extrusion design
ƒ Landscape & Portrait screen mode support by different applications
ƒ VESA 100 mm standard mounting holes for varied mounting demands
ƒ Attachable design for panel & peripherals to extend function and applications
Introduction
UTC-515 features an all-in-one computing system equipped with wide format, touch based LCD panel. It is easy to integrate key peripherals and display systems for diversified
self-service and interactive signage deploy in different application areas. The systems deliver updated information with well-designed interactive interfaces, fully ensure relevant content
and targeted promotions are delivered. UTC series touch panel computers are the best investments to enhance user satisfaction, further brand equity, and maximize business profits.
Specifications
Processor System
CPU
Intel® Celeron J1900 (UTC-515D)
Intel® Core™ i5-4300U (UTC-515E)
Intel® Core™ i3-4010U (Available)*
Intel® Celeron 2980U (Available)*
Base Frequency
2 GHz (Quad-Core)
1.9 GHz (Dual-Core)
Cache
L2 Cache 2MB
L3 Cache 3MB
Memory
1 x SO-DIMM DDR3L 1333 MHz
up to 8 GB
1 x SO-DIMM DDR3L 1333 / 1600 MHz
up to 8 GB
HDD
1 x 2.5 internal SATA HDD bay
Network (LAN)
2 x Gigabit Ethernet ports (Supports Wake on LAN)
I/O ports
2 x RS-232 COM (RS-422/485)*
3 x USB 2.0 / 1 x USB 3.0
2 x Gigabit Ethernet (RJ-45)
1 x VGA & HDMI
Audio Line-out x 1, Mic-in x 1
2 x RS-232 COM (RS-422/485)*
2 x USB 2.0 / 2 x USB 3.0
2 x Gigabit Ethernet (RJ-45)
1 x VGA & HDMI
Audio Line-out x 1, Mic-in x 1
Stereo Speaker
1 W x 2
Bus expansion
Full-size MiniPCIe/mSATA
Mounting
VESA 100 x 100 mm
Dimensions (W x H x D)
389.81 x 240.12 x 45.20 (mm)
Weight
4.85 kg (10.67 Ib)
OS Support
Windows Embedded 7, Windows Embedded 8, Linux Ubuntu 14.04
Environmental
Specifications
Operating Temperature
0 ~ 40° C (32 ~ 104° F)
Relative Humidity
10 ~ 95% @ 40° C non-condensing
Vibration
0.5G
Shock
5G peak acceleration (11 msec. duration)
Certification
CE, FCC, CB, UL, CCC, BSMI
Front Panel Protection
IP65/ NEMA4 Compliant
Power Supply
Input Rating
12 V/5 A (60 W ITE Adapter)
12 V/5 A (60 W ITE Adapter)
Power consumption
Typical 35W
Max. 40W
Typical 40W
Max. 50W
LCD Display
Size/Type
15.6" TFT LCD with LED backlight
Max.Resolution
1366 x 768
Max. Color
16.7M
Pixel Pitch (um)
252 x 252
Brightness (cd/m2)
400
View Angle
170°/160°
Touch Screen Option
(PE/RE/GE)
Type
Projected Capacitive. Analog Resistive 5-wires / Glass Panel
Light Transmission
90% ± 2% / 80% ± 5% / 90%
Controller
USB Interface / USB Interface / -
NEW
All product specifications are subject to change without notice, * identify as optional function
Last updated : 8-Jul-2015


Similar Part No. - 1702002605

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1702002605 ADVANTECH-1702002605 Datasheet
1Mb / 2P
   3rd Gen. Intel Core i3/ i5/ i7 with 2 x 2.5' Removable HDD Bays Fanless Box PC
1702002605 ADVANTECH-1702002605 Datasheet
520Kb / 2P
   12" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
1702002605 ADVANTECH-1702002605 Datasheet
1Mb / 3P
   Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
1702002605 ADVANTECH-1702002605 Datasheet
432Kb / 2P
   iFactory WebAccess Gateway
2-Sep-2020
1702002605 ADVANTECH-1702002605 Datasheet
671Kb / 2P
   1U High Performance Rackmount Server with 3rd Gen. Intel® Xeon® Scalable processors
31-Mar-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com