Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCP650PS27 Datasheet(PDF) 1 Page - XP Power Limited

Part # HCP650PS27
Description  6503000 Watts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HCP650PS27 Datasheet(HTML) 1 Page - XP Power Limited

  HCP650PS27 Datasheet HTML 1Page - XP Power Limited HCP650PS27 Datasheet HTML 2Page - XP Power Limited HCP650PS27 Datasheet HTML 3Page - XP Power Limited HCP650PS27 Datasheet HTML 4Page - XP Power Limited HCP650PS27 Datasheet HTML 5Page - XP Power Limited HCP650PS27 Datasheet HTML 6Page - XP Power Limited HCP650PS27 Datasheet HTML 7Page - XP Power Limited HCP650PS27 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Specification
6503000 Watts
High Efficiency up to 91%
High Power Density
Programmable Output Voltage (30%105%)
Programmable Output Current (40%105%)
Parallel Operation
Fully Featured Signals & Controls
3 Year Warranty
HCP Series
Input
Input Voltage
• 90-264 VAC (127-370 VDC),
see derating curves
Input Frequency
• 47-63 Hz
Input Current
• 650 W: 7.5 A/3.5 A typical,
1000 W: 12 A/5 A typical,
1500 W: 18 A/9 A typical,
3000 W: 36 A/18 A typical at 115/230 VAC
Inrush Current
• 650/1000 W: 27 A/54 A typical
1500 W: 30 A/45 A typical
3000 W: 60 A/90 A typical at 115/230 VAC
Power Factor
• 0.99/0.98, typical at 115/230 VAC full load
Earth Leakage Current
• <1.0 mA (3 kW: <2.5 mA) at 240VAC/60 Hz
Output
Output Voltage
• See model table
Output Trim
• ±5.0% by potentiometer
Output Voltage Program
• 30-105% of rated output (see app. notes)
Output Current Program
• 40-105% of rated output (see app. notes)
Initial Set Accuracy
• ±1%
Minimum Load
• No minimum load required
Start Up Delay
• 650 W/1000 W: 800 ms max.
1500 W/3000 W: 1 s max.
Start Up Rise Time
• 650 W: 90 ms max. at full load
1000 W: 100 ms max. at full load
1500 W/3000 W: 350 ms max. at full load
Hold Up Time
• 16 ms (3000 W: 20 ms) typ. at 230 VAC
and full load
Line Regulation
• ±0.5%
Load Regulation
• V1: ±0.5%, 5 V standby output: ±3%
Transient Response
• <1% for a 25% step load change
Ripple & Noise
• 150 mV pk-pk all voltages (see note 1)
Overvoltage Protection
• Tracks output voltage. 115-135% of set
voltage. Recycle AC to reset
Overtemperature
• Auto recovery
Protection
Overload Protection
• 105-125% of output power. Constant
power to 75% of set output voltage then
output shuts down, recycle AC to reset
Short Circuit Protection
• Output latches off, recycle AC to reset
Temp. Coefficient
• ±0.02%/˚C (0-50 ˚C)
Remote Sense
• Compensates for 0.5 V max voltage drop.
(see app. notes)
Enable
• Output must be enabled (see app. notes)
Current Share
• 5 supplies can share within 5%
Standby Output
• See model table
xppower.com
General
Efficiency
• See model table
Isolation
• 3000 VAC Input to Output,
1500 VAC Input to Ground,
500 VDC Output to Ground
Isolation Resistance
• 100 M /500 VDC
Switching Frequency
• PFC 100 kHz typical, PWM 65 kHz typical
Power Density
• 650 W: 8.2 W/in3
1000 W: 11.1 W/in3
1500 W/3000 W: 10.8 W/in3
Signals & Controls
• See app. notes
MTBF
• 650 W: 160 kHrs, 1000 W: 140 kHrs,
1500 W/3000 W: 100 kHrs
to MIL-HDBK-217F at 25 ˚C, GB
Environmental
Operating Temperature
• -25 ˚C to 60 ˚C, see derating curves
Cooling
• Internal fan fitted. Speed increases with
load and internal temperature
Operating Humidity
• 20-90% R.H. non-condensing
Storage Temperature
• -40 ˚C to +85 ˚C
Storage Humidity
• 10-95% R.H.
Vibration
• 10-500 Hz, 5 g 10 min/cycle, 60 min
period for each axis. Compliant to
IEC68-2-16, IEC 68-2-64
EMC & Safety
Emissions
• EN55022 class B conducted & radiated
Harmonic Currents
• EN61000-3-2 class A,
650 & 1000 W: EN61000-3-2 class C for
loads ≥10%,
1500 W: EN61000-3-2 class C for loads ≥40%,
3000 W: EN61000-3-2 class C for loads ≥30%
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, ±4 kV contact,
±8 kV air discharge, Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m, Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2, Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, Perf Criteria A
Magnetic Field
• EN61000-4-8, Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
>95% 5000 ms, Perf Criteria A, B, B
Safety Approvals
• UL60950-1, EN60950-1 (all models)
CSA C22.2 No. 60950-1 (650 W/1000 W only)


Similar Part No. - HCP650PS27

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HCP650 XPPOWER-HCP650 Datasheet
638Kb / 8P
   650-3000 Watts HCP Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com