Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3805ETE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3805ETE
Description  10.7Gbps Adaptive Receive Equalizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3805ETE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3805ETE Datasheet HTML 2Page - Maxim Integrated Products MAX3805ETE Datasheet HTML 3Page - Maxim Integrated Products MAX3805ETE Datasheet HTML 4Page - Maxim Integrated Products MAX3805ETE Datasheet HTML 5Page - Maxim Integrated Products MAX3805ETE Datasheet HTML 6Page - Maxim Integrated Products MAX3805ETE Datasheet HTML 7Page - Maxim Integrated Products MAX3805ETE Datasheet HTML 8Page - Maxim Integrated Products MAX3805ETE Datasheet HTML 9Page - Maxim Integrated Products MAX3805ETE Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
10.7Gbps Adaptive Receive Equalizer
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)
PACKAGE OUTLINE
12 & 16L, QFN THIN, 3x3x0.8 mm
2
1
21-0136
C
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
0.10 C
0.08 C
0.10 M C A B
D
D/2
E/2
E
A1
A2
A
E2
E2/2
L
k
e
(ND - 1) X e
(NE - 1) X e
D2
D2/2
b
L
e
L
C
L
e
CL
L
C
L
C
- A -
- B -
_______________________________________________________________________________________
9


Similar Part No. - MAX3805ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3805EVKIT MAXIM-MAX3805EVKIT Datasheet
173Kb / 5P
   DC-Coupled Evaluation Kit
Rev 0; 8/03
More results

Similar Description - MAX3805ETE

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1504 GENNUM-GS1504 Datasheet
293Kb / 12P
   HDTV Adaptive Equalizer
logo
Semtech Corporation
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1504 GENNUM-GS1504_04 Datasheet
379Kb / 13P
   HDTV Adaptive Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com