Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6V49205B Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 6V49205B
Description  Industrial temperature range operation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

6V49205B Datasheet(HTML) 1 Page - Integrated Device Technology

  6V49205B Datasheet HTML 1Page - Integrated Device Technology 6V49205B Datasheet HTML 2Page - Integrated Device Technology 6V49205B Datasheet HTML 3Page - Integrated Device Technology 6V49205B Datasheet HTML 4Page - Integrated Device Technology 6V49205B Datasheet HTML 5Page - Integrated Device Technology 6V49205B Datasheet HTML 6Page - Integrated Device Technology 6V49205B Datasheet HTML 7Page - Integrated Device Technology 6V49205B Datasheet HTML 8Page - Integrated Device Technology 6V49205B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATASHEET
6V49205B REVISION P 08/10/15
1
©2015 Integrated Device Technology, Inc.
Freescale P10XX and P20XX System Clock
w/Selectable DDR Frequency
6V49205B
General Description
The 6V49205B is a main clock for Freescale P10xx and
P20xx-based systems. It has a selectable System CCB clock
and 2 DDRCLK speeds – 100M or 66.66M. The 6V49205B
also provides LP-HCSL PCIe outputs for low power and
reduced board space.
Output Features
1 - Sys_CCB 3.3V LVCMOS output @ 100M/83.33M/
80M/66.66M
1 - DDRCLK 3.3V LVCMOS output @ 100M or 66.66M 1
1 - 125M 3.3V LVCMOS output
6 - LP-HCSL PCIe pairs selectable @ 100M or 125M
6 - 25MHz 3.3V LVCMOS outputs
2 - 2.048M 3.3V LVCMOS outputs
2 - USB 3.3V LVCMOS outputs @12M or 24M
Key Specifications
PCIe Gen1-2-3 compliant
<3p rms phase noise on REF outputs
Recommended Application
System Clock for Freescale P10xx and P20xx-based designs
Features
Replaces 11 crystals, 2 oscillators and 3 clock generators;
lowers cost, power and area
LP-HCSL PCIe outputs reduce termination resistors by
50% while saving 67% power; reduces board area and
power
Industrial temperature range operation; supports
demanding environmental conditions
Advanced 3.3V CMOS process; high-performance,
low-power
Supports independent spread spectrum on
Sys_CCB/DDRCLK and PCIe outputs
Space-saving 7x7mm 48-pin VFQFPN with 0.5mm pad
pitch; reduced board space without the need for fine-pitch
assembly techniques
Block Diagram
Note 1
: For DDR Clock: Processor core and I/O supply rails must be ramped with VDD3P3 or earlier. Clock signal will be
clamped LOW and output clock will be 100MHz if this is not followed (see diagram below).
GND
Crystal
Oscillator
PLL1
(SS)
25MHz
Crystal
X1
X2
PLL3
(non-
SS)
REF(5:0)
DDRCLK
Sys_CCB
PLL4
(SS)
PCIe_LR(5:0)
Control
Logic
SCLK
2.048M(1:0)
USB_CLK(2:1)
^FS0
PLL2
(non-
SS)
125M
^FS1
^SEL100#_66
^SELPCIE125#_100
SDATA
100MHz
DDRCLK
R40
R39
VDD3P3
10K
10K


Similar Part No. - 6V49205B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
6V49205B IDT-6V49205B Datasheet
275Kb / 16P
   Freescale System Clock w/Selectable DDR Frequency
6V49205B IDT-6V49205B Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
logo
Renesas Technology Corp
6V49205B RENESAS-6V49205B Datasheet
802Kb / 18P
   Freescale P10XX and P20XX System Clock with Selectable DDR Frequency
SEPTEMBER 29, 2021
logo
Integrated Device Techn...
6V49205BNLGI IDT-6V49205BNLGI Datasheet
275Kb / 16P
   Freescale System Clock w/Selectable DDR Frequency
6V49205BNLGI IDT-6V49205BNLGI Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
More results

Similar Description - 6V49205B

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF43392A1S6 SHOULDER-HDF43392A1S6 Datasheet
177Kb / 9P
   Operation Temperature Range
HDF787ES6 SHOULDER-HDF787ES6 Datasheet
163Kb / 8P
   Operation Temperature Range
HDF922AS6 SHOULDER-HDF922AS6 Datasheet
160Kb / 8P
   Operation Temperature Range
HDF948AS6 SHOULDER-HDF948AS6 Datasheet
161Kb / 8P
   Operation Temperature Range
logo
Seiko Instruments Inc
S-35740C01A-K8T2U SII-S-35740C01A-K8T2U Datasheet
2Mb / 31P
   Operation temperature range
logo
Shoulder Electronics Li...
HDBF14021A21 SHOULDER-HDBF14021A21 Datasheet
179Kb / 8P
   Operation Temperature Range
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LA3SE-3D1E3-TR STANLEY-VSTW1154LA3SE-3D1E3-TR Datasheet
900Kb / 24P
   Wide operation temperature range
VSTW1154LDSE-3D4K3-TR STANLEY-VSTW1154LDSE-3D4K3-TR Datasheet
991Kb / 24P
   Wide operation temperature range.
VSTW1154LCSE-3D3B3-TR STANLEY-VSTW1154LCSE-3D3B3-TR Datasheet
954Kb / 24P
   Wide operation temperature range.
logo
IK Semicon Co., Ltd
IN16C1058 IKSEMICON-IN16C1058 Datasheet
434Kb / 66P
   Industrial Temperature Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com