Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3831 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3831
Description  3.3V, 2.5Gbps, SDH/SONET, 4-Channel Interconnect Mux/Demux ICs with Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3831 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3831 Datasheet HTML 2Page - Maxim Integrated Products MAX3831 Datasheet HTML 3Page - Maxim Integrated Products MAX3831 Datasheet HTML 4Page - Maxim Integrated Products MAX3831 Datasheet HTML 5Page - Maxim Integrated Products MAX3831 Datasheet HTML 6Page - Maxim Integrated Products MAX3831 Datasheet HTML 7Page - Maxim Integrated Products MAX3831 Datasheet HTML 8Page - Maxim Integrated Products MAX3831 Datasheet HTML 9Page - Maxim Integrated Products MAX3831 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
+3.3V, 2.5Gbps, SDH/SONET, 4-Channel
Interconnect Mux/Demux ICs with Clock Generator
6
_______________________________________________________________________________________
7
Self-Test Enable. When this TTL input is forced low, the built-in pattern generator generates
a standard OC-12 SONET-like frame of 12 A1s, 12 A2s, and 9696 bytes of 27 - 1 pseudo-
random bits. This also enables an internal serial-system-loopback path. The CML inputs
(SDI± and the SCLK±) and the LVDS inputs are ignored in this mode. An internal 15k
Ω pull-
up resistor pulls TEST high for normal operation.
TEST
9
8
Positive CML Serial-Data Input, 2.488Gbps
SDI+
Negative CML Serial-Data Input, 2.488Gbps
SDI-
12
11
Positive CML Serial-Clock Input, 2.488GHz
SCLKI+
Negative CML Serial-Clock Input, 2.488GHz
SCLKI-
15
14
Negative LVDS Parallel-Clock Output, 622.08MHz (MAX3831); 155.52MHz (MAX3832)
PCLKO-
Positive LVDS Parallel-Clock Output, 622.08MHz (MAX3831); 155.52MHz (MAX3832)
PCLKO+
30
18–23, 26, 27
No Connection
N.C.
Frame Reset. When this TTL input is forced low, the frame detector and pattern generator
are reset. The LOF output is also asserted low. An internal 15k
Ω pull-up resistor pulls
RSETFR high for normal operation.
RSETFR
33
31
TTL Loss-of-Frame Output. Asserts low in a loss-of-frame condition.
LOF
3-State Enable. When this TTL input is forced low, all TTL and LVDS outputs go into a high-
impedance state. An internal 15k
Ω pull-up resistor pulls TRIEN high for normal operation.
TRIEN
35, 37, 40, 42
34, 36, 39, 41
Negative LVDS Parallel-Data Output, 622Mbps
PDO4- to PDO1-
Positive LVDS Parallel-Data Output, 622Mbps
PDO4+ to PDO1+
45, 47, 51, 53
44, 46, 50, 52
Negative LVDS Parallel-Data Input, 622Mbps
PDI4- to PDI1-
Positive LVDS Parallel-Data Input, 622Mbps
PDI4+ to PDI1+
54
Parallel System Loopback Enable. When this TTL input is forced low, the LVDS parallel
inputs route through the elastic store to the LVDS parallel outputs. This bypasses the high-
speed mux and demux. An internal 15k
Ω pull-up resistor pulls PLBEN high for normal oper-
ation.
PLBEN
PIN
FUNCTION
NAME
6
Line Loopback Enable. When this TTL input is forced low, the CML serial-data inputs (SDI±)
route directly to the CML serial-data outputs (SDO±). No other inputs or outputs are affected.
An internal 15k
Ω pull-up resistor pulls LBEN high for normal operation. See Test Loopbacks.
LBEN
4
Positive CML Serial-Data Output, 2.488Gbps
SDO+
3
Negative CML Serial-Data Output, 2.488Gbps
SDO-
2, 5, 10, 13,
17, 24, 38, 55,
59, 64
+3.3V Supply Voltage
VCC
1, 16, 25, 28,
29, 32, 43, 48,
49, 60, 63
Supply Ground
GND
Pin Description
56
Negative LVDS Reference Clock Input, 155.52MHz
RCLKI-
57
Positive LVDS Reference Clock Input, 155.52MHz
RCLKI+


Similar Part No. - MAX3831

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX383 MAXIM-MAX383 Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX383C/D MAXIM-MAX383C/D Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX383CPE MAXIM-MAX383CPE Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX383CSE MAXIM-MAX383CSE Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX383EJE MAXIM-MAX383EJE Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
More results

Similar Description - MAX3831

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3892 MAXIM-MAX3892 Datasheet
179Kb / 11P
   3.3V, 2.5Gbps/2.7Gbps, SDH/SONET 4:1 Serializer with Clock Synthesis
Rev 6; 10/07
logo
Vitesse Semiconductor C...
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
   OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
   2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
   OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
   2.488GHz SONET/SDH Clock Generator
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
   ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
Maxim Integrated Produc...
MAX3890 MAXIM-MAX3890 Datasheet
155Kb / 12P
   3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Rev 0; 6/99
MAX3891 MAXIM-MAX3891 Datasheet
521Kb / 12P
   16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
Rev 0; 2/01
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com