Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3831 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3831
Description  3.3V, 2.5Gbps, SDH/SONET, 4-Channel Interconnect Mux/Demux ICs with Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3831 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3831 Datasheet HTML 3Page - Maxim Integrated Products MAX3831 Datasheet HTML 4Page - Maxim Integrated Products MAX3831 Datasheet HTML 5Page - Maxim Integrated Products MAX3831 Datasheet HTML 6Page - Maxim Integrated Products MAX3831 Datasheet HTML 7Page - Maxim Integrated Products MAX3831 Datasheet HTML 8Page - Maxim Integrated Products MAX3831 Datasheet HTML 9Page - Maxim Integrated Products MAX3831 Datasheet HTML 10Page - Maxim Integrated Products MAX3831 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
_______________Detailed Description
The MAX3831/MAX3832 use a 4:1 mux and 1:4 demux
with an elastic store buffer to simplify SDH/SONET
interconnect I/O routing. The 622Mbps low-voltage dif-
ferential signal (LVDS) parallel inputs pass through the
10-bit elastic store buffer, which accommodates ±7.5ns
skew on any single input relative to the 155MHz refer-
ence clock input RCLKI. This reference clock is
required to synthesize the internal 2.488GHz clock
used to drive the elastic store and 4:1 multiplexer. All
TTL and LVDS outputs can be placed in a high-imped-
ance state. See Figure 4 for a functional diagram.
The 4:1 mux bit-interleaves the parallel data, providing
a 2.488Gbps CML serial output to the optical or electri-
cal driver. The CML serial input receives the
2.488Gbps data, the demux deinterleaves it to
622Mbps and sends the data to the frame detector.
The frame detector monitors one 622Mbps channel and
rolls the demux into the proper channel assignment.
The MAX3831/MAX3832 include high-speed, built-in
self-test (BIST), which also allows testing of the
622Mbps parallel-system loopback and the 2.488Gbps
line loopback.
Elastic Store Buffer
Each parallel-data input, PDI1 to PDI4, passes through
its respective 10-bit elastic store buffer. Following an
elastic store reset, this buffer accommodates ±7.5ns of
skew on any input relative to the 155MHz reference
clock. Figure 5 illustrates the elastic store buffer rela-
tionship with RCLKI. The Elastic Store Range graph in
the Typical Operating Characteristics shows the
amount of data skew tolerated.
Following a 10µs power-up period, the locations of the
individual data-channel bit transitions are acquired,
guaranteeing data preservation. The output of this
block passes directly into the 4:1 mux. After power-up,
the elastic store buffer must be reset by applying a low
pulse on RSETES for at least 10ns.
Due to the inherent uncertainty of the data transitions
between the parallel-data inputs there is no bit or frame
alignment between these inputs. However, the demux
ensures proper channel assignment is maintained.
Bit-Interleaved Multiplexer/
Demultiplexer
The MAX3831/MAX3832 use a bit interleave/deinterleave
mux/demux. To guarantee channel assignment, one of
the four channels is inverted before multiplexing to pro-
vide a reference for the frame detector during demulti-
plexing. After demultiplexing, the same channel is
inverted back to the original data format.
Frame Detector
After a 2.5Gbps serial data is bit deinterleaved into four
622Mbps channels, an SDH/SONET frame detector
monitors the fourth channel, looking for the 32-bit pat-
tern (A1A1A2A2) in the OC-12 header. To maintain cor-
rect channel assignment, the demux outputs rotate until
this 32-bit overhead pattern is reliably detected. A loss-
of-frame output, LOF, indicates when the received data
is in or out of frame. When LOF goes high, the frame
pattern is detected and the demux outputs are correct-
ly assigned. When LOF is low, the frame detection cir-
cuitry is searching for the correct frame. A RSETFR
(TTL, active low) is included to reset the frame detector
when necessary.
The frame detector uses an algorithm to detect an in-
frame condition and a loss-of-frame condition; this algo-
rithm is implemented to meet the SONET in-frame and
false-frame specs. The frame_search state will occur
upon start-up or reset. In this state, the frame detector
scans through the incoming serial data searching for the
framing pattern in the channel 4 output of the demux.
While in this state, if the framing pattern is not found
within 250µs, the demux channels are shifted (rolled)
and the frame search continues (Figure 6).
In-frame will be declared if two consecutive framing
patterns are found at the correct byte locations within
the SONET frame (9720 bytes). If this pattern is not pre-
+3.3V, 2.5Gbps, SDH/SONET, 4-Channel
Interconnect Mux/Demux ICs with Clock Generator
_______________________________________________________________________________________________________
7
Pin Description (continued)
PIN
FUNCTION
NAME
58
Elastic Store Reset. The elastic buffer is centered on a rising edge of RSETES, maximizing
the elastic store range. Data must be present for 10µs before applying a pulse of at least
10ns. An internal 15k
Ω pull-up resistor pulls RSETES high for normal operation.
RSETES
62
61
Negative PLL Filter Capacitor Input. Connect a 0.33µF capacitor between FIL+ and FIL-.
FIL-
Positive PLL Filter Capacitor Input. Connect a 0.33µF capacitor between FIL+ and FIL-.
FIL+
EP
Ground. This must be soldered to a circuit board for proper thermal performance (see
Package Information).
Exposed Paddle


Similar Part No. - MAX3831

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX383 MAXIM-MAX383 Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX383C/D MAXIM-MAX383C/D Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX383CPE MAXIM-MAX383CPE Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX383CSE MAXIM-MAX383CSE Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
MAX383EJE MAXIM-MAX383EJE Datasheet
125Kb / 12P
   Precision, Low-Voltage Analog Switches
19-0300; Rev 0; 9/94
More results

Similar Description - MAX3831

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3892 MAXIM-MAX3892 Datasheet
179Kb / 11P
   3.3V, 2.5Gbps/2.7Gbps, SDH/SONET 4:1 Serializer with Clock Synthesis
Rev 6; 10/07
logo
Vitesse Semiconductor C...
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
   OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
   2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
   OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
   2.488GHz SONET/SDH Clock Generator
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
   ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
Maxim Integrated Produc...
MAX3890 MAXIM-MAX3890 Datasheet
155Kb / 12P
   3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Rev 0; 6/99
MAX3891 MAXIM-MAX3891 Datasheet
521Kb / 12P
   16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
Rev 0; 2/01
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com