Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ40Z60 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ40Z60
Description  SLUSAW3C ?밆ECEMBER 2014?밨EVISED JULY 2015
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ40Z60 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ40Z60_15 Datasheet HTML 5Page - Texas Instruments BQ40Z60_15 Datasheet HTML 6Page - Texas Instruments BQ40Z60_15 Datasheet HTML 7Page - Texas Instruments BQ40Z60_15 Datasheet HTML 8Page - Texas Instruments BQ40Z60_15 Datasheet HTML 9Page - Texas Instruments BQ40Z60_15 Datasheet HTML 10Page - Texas Instruments BQ40Z60_15 Datasheet HTML 11Page - Texas Instruments BQ40Z60_15 Datasheet HTML 12Page - Texas Instruments BQ40Z60_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
bq40z60
www.ti.com
SLUSAW3C – DECEMBER 2014 – REVISED JULY 2015
Low-Voltage General Purpose I/O (TSx) (continued)
Typical values stated where TA = 25°C and VCC = 10.8 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CIN
Input capacitance
5
pF
ILKG
Input leakage current
1
µA
8.9 High-Voltage General Purpose I/O (ALERT, SYSPRES)
Typical values stated where TA = 25°C and VCC = 10.8 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input
1.3
V
VIL
Low-level input
0.55
V
VBAT > 5.5 V, IOH = –0 µA
3.5
Output voltage
VOH
V
high
VBAT > 5.5 V, IOH = –10 µA
1.8
Output voltage
VOL
IOL = 1.5 mA
0.4
V
low
Input
CIN
5
pF
capacitance
Input leakage
ILKG
1
µA
current
Output reverse
RO
Between ALERT/SYSPRES and PBI
5
k
Ω
resistance
8.10 AFE Power-On Reset
Typical values stated where TA = 25°C and VCC = 10.8 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Negative-going
VREGIT–
VREG
1.51
1.55
1.59
V
voltage input
Power-on reset
VHYS
VREGIT+ – VREGIT–
70
100
130
mV
hysteresis
tRST
Power-on reset time
200
300
400
µs
8.11
Internal 1.8-V LDO
Typical values stated where TA = 25°C and VCC = 10.8 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREG
Regulator voltage
1.6
1.8
2.0
V
Regulator output
ΔVO(TEMP)
ΔVREG/ΔTA, IREG = 10 mA
±0.25%
over temperature
ΔVO(LINE)
Line regulation
ΔVREG/ΔVBAT, VBAT = 10 mA
–0 .6%
0.5%
ΔVO(LOAD)
Load regulation
ΔVREG/ΔIREG, IREG = 0 mA to 10 mA
–1.5%
1.5%
Regulator output
IREG
VREG = 0.9 × VREG(NOM), VIN > 2.2 V
20
mA
current limit
Regulator short-
ISC
VREG = 0 × VREG(NOM)
25
40
50
mA
circuit current limit
Power supply
PSRRREG
ΔVBAT/ΔVREG, IREG = 10 mA ,VIN > 2.5 V, f = 10 Hz
40
dB
rejection ratio
Slew rate
VSLEW
enhancement
1.58
1.65
V
voltage threshold
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: bq40z60


Similar Part No. - BQ40Z60_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ40Z60 TI1-BQ40Z60_16 Datasheet
1Mb / 47P
[Old version datasheet]   Programmable Battery Management Unit
More results

Similar Description - BQ40Z60_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24045 TI-BQ24045_15 Datasheet
1Mb / 38P
[Old version datasheet]   SLUS941F ?밪EPTEMBER 2009?밨EVISED MARCH 2015
CC-DEBUGGER TI-CC-DEBUGGER Datasheet
857Kb / 25P
[Old version datasheet]   SWRU197H?밪eptember 2010?밨evised April 2014
ADS1258EVM TI-ADS1258EVM Datasheet
919Kb / 39P
[Old version datasheet]   SBAU126C?밠ay 2007?밨evised May 2011
DAC31X2EVM TI1-DAC31X2EVM Datasheet
395Kb / 9P
[Old version datasheet]   SBOU096A?밡ovember 2010?밨evised January 2011
BQ24075-Q1 TI-BQ24075-Q1_15 Datasheet
2Mb / 38P
[Old version datasheet]   SLUSAU3B ?밊EBRUARY 2012?밨EVISED MARCH 2012
logo
Altech corporation
TG2015-9 ALTECH-TG2015-9 Datasheet
88Kb / 1P
   ABS/POLYCARBONATE ENCLOSURE TG 2015-9
logo
Power Integrations, Inc...
LYT1402 POWERINT-LYT1402 Datasheet
1Mb / 14P
   www.power.com July 2016 Constant Current Output for Buck Topology
July 2016
logo
AUREL S.p.A.
650201528G AUREL-650201528G Datasheet
1Mb / 1P
   RED COMPLIANT 2014/53/EU OOK 433 MHz SAW filtered Receiver
09 December, 2019 Rev 01
logo
NXP Semiconductors
HEF4093BT-Q100118 NXP-HEF4093BT-Q100118 Datasheet
159Kb / 14P
   Quad 2-input NAND Schmitt trigger Rev. 1 ??12 July 2012
Rev. 1-12 July 2012
logo
AMAZING Microelectronic...
AZ4808-01F AMAZING-AZ4808-01F Datasheet
205Kb / 7P
   Transient Voltage Suppressing Device Tiny Package For ESD/Transient Protection Revision 2015/
Revision 2015/11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com