Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3865 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3865
Description  2.5Gbps Laser Driver with Automatic Modulation Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3865 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3865 Datasheet HTML 1Page - Maxim Integrated Products MAX3865 Datasheet HTML 2Page - Maxim Integrated Products MAX3865 Datasheet HTML 3Page - Maxim Integrated Products MAX3865 Datasheet HTML 4Page - Maxim Integrated Products MAX3865 Datasheet HTML 5Page - Maxim Integrated Products MAX3865 Datasheet HTML 6Page - Maxim Integrated Products MAX3865 Datasheet HTML 7Page - Maxim Integrated Products MAX3865 Datasheet HTML 8Page - Maxim Integrated Products MAX3865 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2.5Gbps Laser Driver with Automatic
Modulation Control
4
_______________________________________________________________________________________
50
DATA-
DATA-
50
DATA+
DATA+
VDR
VCR
50
CLK+-
CLK+
50
CLK-
CLK-
PATTERN GENERATOR
VCC
MAX3865
VCC
VCC
VCC
RTEN
GND
EN1
EN0
VCC
VCC
MODN
MODQ
BIAS
BIAS_X
33
50
33
50
0.1
µF
0.1
µF
OSCILLOSCOPE
Figure 1. Test Circuit
CLK+
CLK-
DATA+
DATA-
(DATA+) - (DATA-)
IMODQ
5mA–60mA
VID = 0.2Vp-p–1.6Vp-p
1.3V
1.3V
0.1V–0.8V
0.1V–0.8V
VCC + 0.4V
VCC + 0.4V
tSU
tHD
Figure 2. Required Input Signal, Setup/Hold-Time Definition, and Output Polarity


Similar Part No. - MAX3865

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38650 MAXIM-MAX38650 Datasheet
936Kb / 13P
   Tiny 1.8V to 5.5V Input, 390nA IQ, 100mA nanoPower Buck Converter with 100% Duty Cycle Operation
Rev 0; 1/21
MAX38650AANT++ MAXIM-MAX38650AANT+ Datasheet
936Kb / 13P
   Tiny 1.8V to 5.5V Input, 390nA IQ, 100mA nanoPower Buck Converter with 100% Duty Cycle Operation
Rev 0; 1/21
MAX38650BANT++ MAXIM-MAX38650BANT+ Datasheet
936Kb / 13P
   Tiny 1.8V to 5.5V Input, 390nA IQ, 100mA nanoPower Buck Converter with 100% Duty Cycle Operation
Rev 0; 1/21
More results

Similar Description - MAX3865

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
logo
Micrel Semiconductor
SY88232L MICREL-SY88232L_10 Datasheet
701Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L_10 Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3863 MAXIM-MAX3863 Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
MAX3863 MAXIM-MAX3863_V01 Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com