Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24075-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ24075-Q1
Description  SLUSAU3B ?밊EBRUARY 2012?밨EVISED MARCH 2012
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24075-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  BQ24075-Q1_15 Datasheet HTML 1Page - Texas Instruments BQ24075-Q1_15 Datasheet HTML 2Page - Texas Instruments BQ24075-Q1_15 Datasheet HTML 3Page - Texas Instruments BQ24075-Q1_15 Datasheet HTML 4Page - Texas Instruments BQ24075-Q1_15 Datasheet HTML 5Page - Texas Instruments BQ24075-Q1_15 Datasheet HTML 6Page - Texas Instruments BQ24075-Q1_15 Datasheet HTML 7Page - Texas Instruments BQ24075-Q1_15 Datasheet HTML 8Page - Texas Instruments BQ24075-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
bq24075-Q1
www.ti.com
SLUSAU3B – FEBRUARY 2012 – REVISED MARCH 2012
THERMAL INFORMATION
BQ24075-Q1
THERMAL METRIC(1)
UNITS
RGT 16-PINS
θJA
Junction-to-ambient thermal resistance
45.8
θJCtop
Junction-to-case (top) thermal resistance
53.6
θJB
Junction-to-board thermal resistance
18.1
°C/W
ψJT
Junction-to-top characterization parameter
1.1
ψJB
Junction-to-board characterization parameter
18.0
θJCbot
Junction-to-case (bottom) thermal resistance
5.2
SPACER
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
IN voltage range
4.35
26
V
VI
IN operating voltage range
4.35
6.4
V
IIN
Input current, IN pin
1.5
A
IOUT
Current, OUT pin
4.5
A
IBAT
Current, BAT pin (Discharging)
4.5
A
ICHG
Current, BAT pin (Charging)
1.5(1)
A
RILIM
Maximum input current programming resistor
1100
8000
RISET
Fast-charge current programming resistor (2)
590
3000
RITERM
Termination current programming resistor
0
15
k
RTMR
Timer programming resistor
18
72
k
(1)
The IC operational charging life is reduced to 20,000 hours, when charging at 1.5A and 125°C. The thermal regulation feature reduces
charge current if the IC’s junction temperature reaches 125°C; thus without a good thermal design the maximum programmed charge
current may not be reached.
(2)
Use a 1% tolerance resistor for RISET to avoid issues with the RISET short test when using the maximum charge current setting.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq24075-Q1


Similar Part No. - BQ24075-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
More results

Similar Description - BQ24075-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24045 TI-BQ24045_15 Datasheet
1Mb / 38P
[Old version datasheet]   SLUS941F ?밪EPTEMBER 2009?밨EVISED MARCH 2015
logo
CW Industries
GRS-2012-2015 CWIND-GRS-2012-2015 Datasheet
180Kb / 2P
   GRS-2012-2028
GRS-2012-2021 CWIND-GRS-2012-2021 Datasheet
178Kb / 2P
   GRS-2012-2028
GRS-2012-2011 CWIND-GRS-2012-2011 Datasheet
183Kb / 2P
   GRS-2012-2028
GRS-2012-2014 CWIND-GRS-2012-2014 Datasheet
186Kb / 2P
   GRS-2012-2028
GRS-2012-2009 CWIND-GRS-2012-2009_19 Datasheet
178Kb / 2P
   GRS-2012-2028
logo
Coilcraft lnc.
0805CS-101XJBC COILCRAFT-0805CS-101XJBC Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
0805LS-102XJLC COILCRAFT-0805LS-102XJLC Datasheet
141Kb / 2P
   Chip Inductors - 0805LS (2012)
0805CS-471XJBC COILCRAFT-0805CS-471XJBC Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
0805CS-240XGLB COILCRAFT-0805CS-240XGLB Datasheet
160Kb / 2P
   Chip Inductors ??0805CS (2012)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com