Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX381CSE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX381CSE
Description  Precision, Low-Voltage Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX381CSE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX381CSE Datasheet HTML 3Page - Maxim Integrated Products MAX381CSE Datasheet HTML 4Page - Maxim Integrated Products MAX381CSE Datasheet HTML 5Page - Maxim Integrated Products MAX381CSE Datasheet HTML 6Page - Maxim Integrated Products MAX381CSE Datasheet HTML 7Page - Maxim Integrated Products MAX381CSE Datasheet HTML 8Page - Maxim Integrated Products MAX381CSE Datasheet HTML 9Page - Maxim Integrated Products MAX381CSE Datasheet HTML 10Page - Maxim Integrated Products MAX381CSE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Precision, Low-Voltage Analog Switches
_______________________________________________________________________________________
7
01
3
25
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
VCOM (V)
4
10
70
60
50
40
30
20
TA = +85°C
TA = +25°C
TA = -55°C
TA = +125°C
V+ = 5V
V- = 0V
0
0.0001
-75
OFF LEAKAGE CURRENT vs.
TEMPERATURE
10
TEMPERATURE (°C)
+25
+125
0.1
0.001
1
0.01
100
V+ = 5.5V, V- = -5.5V
-25
+75
0.0001
-75
ON LEAKAGE CURRENT vs.
TEMPERATURE
10
TEMPERATURE (°C)
+25
+125
0.1
0.001
1
0.01
100
V+ = 5.5V, V- = -5.5V
-25
+75
-5
-3
1
-1
5
CHARGE INJECTION
vs. VCOM
VCOM (V)
3
-4
-2
2
04
-20
30
20
10
0
-10
-30
V+ = 5V
V- = -5V
V+ = 5V
V- = 0V
0.0001
-75
SUPPLY CURRENT vs. TEMPERATURE
10
TEMPERATURE (°C)
+25
+125
0.1
0.001
1
0.01
100
I- at V- = -5.5V
I+ at V+ = 5.5V
0.00001
0.001
0.01
0.1
1
10
100 1000
MAX383 SUPPLY CURRENT vs. LOGIC INPUT
FREQUENCY (BOTH INPUTS DRIVEN)
INPUT FREQUENCY (kHz)
0.0001
0.001
1000
100
10
1
0.1
0.01
0.0001
0.00001
V+ = 5V
V+ = 3V
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
01
3
25
MAX383 SUPPLY CURRENT vs. LOGIC
INPUT VOLTAGE (BOTH INPUTS DRIVEN)
VIN (V)
4
0.5
1.5
3.5
2.5
4.5
0.001
1000
100
10
1
0.1
0.01
0.0001
V+ = 3V
V+ = 5V


Similar Part No. - MAX381CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3814 MAXIM-MAX3814 Datasheet
571Kb / 15P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 0; 5/07
MAX3814CHJ++ MAXIM-MAX3814CHJ+ Datasheet
571Kb / 15P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 0; 5/07
MAX3814CHJ++ MAXIM-MAX3814CHJ+ Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
More results

Similar Description - MAX381CSE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. F, 25-Apr-11
DG417L VISHAY-DG417L_08 Datasheet
142Kb / 11P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. E, 14-May-07
DG417L VISHAY-DG417L_V01 Datasheet
265Kb / 14P
   Precision Monolithic Low-Voltage CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. C, 26-Aug-02
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 30-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com