Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24140 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ24140
Description  Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24140 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24140_15 Datasheet HTML 3Page - Texas Instruments BQ24140_15 Datasheet HTML 4Page - Texas Instruments BQ24140_15 Datasheet HTML 5Page - Texas Instruments BQ24140_15 Datasheet HTML 6Page - Texas Instruments BQ24140_15 Datasheet HTML 7Page - Texas Instruments BQ24140_15 Datasheet HTML 8Page - Texas Instruments BQ24140_15 Datasheet HTML 9Page - Texas Instruments BQ24140_15 Datasheet HTML 10Page - Texas Instruments BQ24140_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
bq24140
www.ti.com
SLUSAO5
– OCTOBER 2011
ELECTRICAL CHARACTERISTICS (continued)
Circuit of Figure 1, VBUS = 5V, HZ_MODE=0, OPA_MODE=0, CD=0, TJ = –40°C–125°C and TJ = 25°C for typical values
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BOOST MODE OPERATION FOR VBUS (OPA_MODE=1, HZ_MODE=0, VBUS input only)
VBUS_BOOST
Boost output voltage (to VBUS pin)
2.5 V
< VVBAT < 4.5 V
5.05
V
Boost output voltage accuracy
Including line and load regulation
-3%
+3%
IBOOST
Maximum output current for boost
VBUS = 5.05 V, 2.5 V < VVBAT < 4.5 V
650
mA
IBLIMIT
Cycle by cycle current limit for boost
VBUS = 5.05 V, 2.5 V < VVBAT < 4.5 V
1.0
A
Over voltage protection threshold for
VBUSOVP
Threshold over VBUS to turn off converter during boost
5.8
6.0
6.2
V
boost (VBUS pin)
VBUSOVP hysteresis
VBUS falling from above VBUSOVP
162
mV
Maximum battery voltage for boost (VBAT
VBATMAX
VVBAT rising edge during boost
4.65
4.75
4.85
V
pin)
VBATMAX hysteresis
VVBAT falling from above VBATMAX
70
mV
During boosting
2.3
Minimum battery voltage for boost (VBAT
VBATMIN
V
pin)
Before boost starts
2.8
2.97
Boost output resistance at
high-impedance mode (From VBUS to
CD = 1 or HZ_MODE = 1
500
k
Ω
PGND)
ICC_BOOS
Operation quiescent current in boost
No load at VBUS, power save mode, VVBAT = 4 V, boosting
650
µA
T
mode
PROTECTION
TSHTDWN
Thermal trip
165
°C
Thermal hysteresis
10
°C
TCF
Thermal regulation threshold
Charge current begins to taper down
120
°C
T32S
Time constant for the 32-second timer
32 second mode
15
32
S
T15M
Time constant for the 15-minute timer
15 minute mode
12
15
Minute
VREG
VREG
VREG Regulator
ILOAD = 1mA, CREG = 0.1µF, VIN > VUVLO
2.34
2.6
2.86
V
ILIM VREG
Current limit VREG
VREG = 0V
10
mA
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq24140


Similar Part No. - BQ24140_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
More results

Similar Description - BQ24140_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24140 TI1-BQ24140 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_17 Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com