Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX384MJN Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX384MJN
Description  Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX384MJN Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX384MJN Datasheet HTML 3Page - Maxim Integrated Products MAX384MJN Datasheet HTML 4Page - Maxim Integrated Products MAX384MJN Datasheet HTML 5Page - Maxim Integrated Products MAX384MJN Datasheet HTML 6Page - Maxim Integrated Products MAX384MJN Datasheet HTML 7Page - Maxim Integrated Products MAX384MJN Datasheet HTML 8Page - Maxim Integrated Products MAX384MJN Datasheet HTML 9Page - Maxim Integrated Products MAX384MJN Datasheet HTML 10Page - Maxim Integrated Products MAX384MJN Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Low-Voltage, 8-Channel/Dual 4-Channel
Multiplexers with Latchable Inputs
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
2, 17
PIN
MAX382
MAX384
NAME*
FUNCTION
1
WR
WRITE Logic Input
1
A0, A1
Address Logic Inputs (see
Truth Tables at end of data sheet)
3
3
EN
Enable Logic Input (see
Truth Tables at end of data sheet)
4
4
V-
Negative Supply Voltage Input. Connect to GND for single-supply operation.
5–8
NO1–NO4
Analog Signal Inputs—bidirectional
5–8
NO1A–NO4A
Analog Signal Inputs—bidirectional
9
COM
Analog Signal Output—bidirectional
9, 10
COMA, COMB
Analog Signal Outputs—bidirectional
10–13
NO8–NO5
Analog Signal Inputs—bidirectional
11–14
NO4B–NO1B
Analog Signal Inputs—bidirectional
14
15
V+
Positive Supply Voltage Input
15
16
GND
Ground
2, 16, 17
A0, A2, A1
Address Logic Inputs (see
Truth Tables at end of data sheet)
18
18
RS
RESET Logic Input
__________Applications Information
The internal structures of the MAX382/MAX384 include
translators for the A2/A1/EN/WR/RS digital inputs, latch-
es, and a decode section for channel selection (see
Truth Tables). The analog-signal switches consist of
parallel combinations of N and P MOSFETs.
WRITE (WR) and RESET (RS) strobes are provided for
interfacing with µP-bus lines, alleviating the need for the
µP to provide constant address inputs to the mux to
hold a particular channel (Figures 2–7).
When the WR strobe is in the low state (less than 0.8V)
and the RS strobe is in the high state (greater than
2.4V), the muxes are in the transparent mode—they
act similar to nonlatching devices, such as the
MAX398/MAX399.
When the WR goes high, the previous BCD address
input is latched and held in that state indefinitely.
RS turns off all channels when it is low. All switches stay
off until RS and EN are high and WR is low.
The MAX382/MAX384 work with both single and dual
supplies and function over the +2.4V to +16V single-
supply range. For example, with a single +5V power
supply, analog signals in the 0V to +5V range can be
switched normally. If negative signals around 0V are
expected, a negative supply is needed.
The EN latch allows all switches to be turned off under
program control. This is useful when two or more are
cascaded to build 16-line and larger analog-signal mul-
tiplexers.
*Analog inputs and outputs are names of convenience only. Inputs and outputs are identical and interchangeable.


Similar Part No. - MAX384MJN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3840 MAXIM-MAX3840 Datasheet
388Kb / 10P
   3.3V, 2.7Gbps Dual 2 . 2 Crosspoint Switch
19-1854; Rev 1; 11/01
MAX3840EGJ MAXIM-MAX3840EGJ Datasheet
388Kb / 10P
   3.3V, 2.7Gbps Dual 2 . 2 Crosspoint Switch
19-1854; Rev 1; 11/01
MAX3840EGJ MAXIM-MAX3840EGJ Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
MAX3840ETJ++ MAXIM-MAX3840ETJ+ Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
MAX3840 MAXIM-MAX3840_07 Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
More results

Similar Description - MAX384MJN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
logo
Analog Devices
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG709CRUZ AD-ADG709CRUZ Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
logo
Maxim Integrated Produc...
MAX349 MAXIM-MAX349 Datasheet
301Kb / 20P
   Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Rev 1; 10/98
logo
Analog Devices
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG428 AD-ADG428_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
logo
Analog Devices
ADG429 AD-ADG429_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com