Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX383EPE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX383EPE
Description  Precision, Low-Voltage Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX383EPE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX383EPE Datasheet HTML 1Page - Maxim Integrated Products MAX383EPE Datasheet HTML 2Page - Maxim Integrated Products MAX383EPE Datasheet HTML 3Page - Maxim Integrated Products MAX383EPE Datasheet HTML 4Page - Maxim Integrated Products MAX383EPE Datasheet HTML 5Page - Maxim Integrated Products MAX383EPE Datasheet HTML 6Page - Maxim Integrated Products MAX383EPE Datasheet HTML 7Page - Maxim Integrated Products MAX383EPE Datasheet HTML 8Page - Maxim Integrated Products MAX383EPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Precision, Low-Voltage Analog Switches
2
_______________________________________________________________________________________
Voltage Referenced to GND
V+ .......................................................................-0.3V to +17V
V- ........................................................................+0.3V to -17V
V+ to V-...............................................................-0.3V to +17V
COM_, NO_, NC_, IN_ ................(V- - 2V) to (V+ + 2V) or 30mA,
whichever occurs first
Continuous Current, any pin ...............................................30mA
Peak Current, any pin
(pulsed at 1ms, 10% duty cycle max) ..........................100mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above+70°C) ...........842mW
Narrow SO (derate 8.70mW/°C above +70°C) ............696mW
CERDIP (derate 10.00mW/°C above +70°C) ...............800mW
Operating Temperature Ranges
MAX38_C_ E .......................................................0°C to +70°C
MAX38_E_ E ....................................................-40°C to +85°C
MAX38_MJE ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1:
Signals on NC, NO, COM, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to
maximum current rating.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
On-Resistance
RON
C, E, M
20
35
0.5
2
On-Resistance Match Between
Channels (Note 4)
∆RON
Analog Signal Range
VCOM,
VNO,
VNC
V-
V+
V
On-Resistance Flatness
(Note 4)
RFLAT(ON)
4
-0.2
-0.01
0.2
NC or NO Off Leakage Current
(Note 5)
INC(OFF)
or
INO(OFF)
nA
-2.5
2.5
VNC or VNO = 3V, 0V,
-3V; ICOM = -10mA,
V+ = 5V; V- = -5V
V+ = 4.5V, V- = -4.5V,
VNC or VNO = ±3.5V,
ICOM = -10mA,
VINH = 2.4V,
VINL = 0.8V
VNC or VNO = ±3V,
ICOM = -10mA,
V+ = 5V, V- = -5V
VCOM = ±4.5V,
VNC or VNO = +4.5V,
V+ = 5.5V,V- = -5.5V
(Note 3)
TA =
+25°C
TA =
+25°C
TA =
+25°C
TA = TMIN
to TMAX
TA =
+25°C
TA = TMIN
to TMAX
C, E
TA = TMIN
to TMAX
TA = TMIN
to TMAX
M
4
6
-5.0
5.0
C, E
M
20
30
CONDITIONS
TEMP.
RANGE
C, E, M
C, E, M
C, E, M
C, E, M
C, E
-0.1
-0.01
0.1
M
-0.2
-0.01
0.2
COM Off Leakage Current
(Note 5)
ICOM(OFF)
nA
-2.5
2.5
VCOM = ±4.5V,
VNC or VNO = +4.5V,
V+ = 5.5V, V- = -5.5V
TA =
+25°C
TA = TMIN
to TMAX
C, E
M
-5.0
5.0
C, E
-0.1
-0.01
0.1
M
-0.4
-0.04
0.4
COM On Leakage Current
(Note 5)
ICOM(ON)
nA
-5.0
5.0
VCOM = ±4.5V,
VNC or VNO = ±4.5V,
V+ = 5.5V, V- = -5.5V
TA =
+25°C
TA = TMIN
to TMAX
C, E
M
-20.0
20.0
C, E
-0.2
-0.04
0.2
M
SWITCH
45


Similar Part No. - MAX383EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3831 MAXIM-MAX3831 Datasheet
285Kb / 16P
   3.3V, 2.5Gbps, SDH/SONET, 4-Channel Interconnect Mux/Demux ICs with Clock Generator
19-1534; Rev 1; 10/99
MAX3831UCB MAXIM-MAX3831UCB Datasheet
285Kb / 16P
   3.3V, 2.5Gbps, SDH/SONET, 4-Channel Interconnect Mux/Demux ICs with Clock Generator
19-1534; Rev 1; 10/99
MAX3832UCB MAXIM-MAX3832UCB Datasheet
285Kb / 16P
   3.3V, 2.5Gbps, SDH/SONET, 4-Channel Interconnect Mux/Demux ICs with Clock Generator
19-1534; Rev 1; 10/99
More results

Similar Description - MAX383EPE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. F, 25-Apr-11
DG417L VISHAY-DG417L_08 Datasheet
142Kb / 11P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. E, 14-May-07
DG417L VISHAY-DG417L_V01 Datasheet
265Kb / 14P
   Precision Monolithic Low-Voltage CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. C, 26-Aug-02
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 30-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com