Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX384EWN Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX384EWN
Description  Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX384EWN Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX384EWN Datasheet HTML 1Page - Maxim Integrated Products MAX384EWN Datasheet HTML 2Page - Maxim Integrated Products MAX384EWN Datasheet HTML 3Page - Maxim Integrated Products MAX384EWN Datasheet HTML 4Page - Maxim Integrated Products MAX384EWN Datasheet HTML 5Page - Maxim Integrated Products MAX384EWN Datasheet HTML 6Page - Maxim Integrated Products MAX384EWN Datasheet HTML 7Page - Maxim Integrated Products MAX384EWN Datasheet HTML 8Page - Maxim Integrated Products MAX384EWN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
pC
Low-Voltage, 8-Channel/Dual 4-Channel
Multiplexers with Latchable Inputs
_______________________________________________________________________________________
5
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆RON = RON(max) - RON(min).
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog signal
ranges, i.e., VNO = 3V to 0V and 0V to -3V.
Note 6: Leakage parameters are 100% tested at maximum rated hot operating temperature, and guaranteed by correlation at +25°C.
Note 7: Worst-case isolation is on channel 4 because of its proximity to the COM pin. Off isolation = 20log VCOM/VNO, VCOM = output, VNO = input to off switch.
Note 8: Leakage testing at single supply is guaranteed by correlation testing with dual supplies.
ns
CONDITIONS
275
tON(EN)
Enable Turn-On Time
(Note 3)
pC
1.5
5
Charge Injection (Note 3)
tOPEN
Break-Before-Make Interval
ns
90
280
tTRANS
Transition Time
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
130
200
Figure 3
TA = TMIN to TMAX
TA = +25°C
Figure 2 (Note 3)
Figure 7, CL = 100pF,
VNO = 0V
TA = +25°C
Figure 1, VNO = 3V
TA = +25°C
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +5V ±10%, V- = 0V, GND = 0V, VA_H = VENH = 2.4V, VA_L = VENL = 0.8V, WR = 0V, RS = 2.4V, TA = TMIN to TMAX, unless
otherwise noted.)
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +3V ±10%, V- = 0V, GND = 0V, VA_H = VENH = 2.4V, VA_L = VENL = 0.8V, WR = 0V, RS = 2.4V, TA = TMIN to TMAX, unless
otherwise noted.)
ns
CONDITIONS
Enable Turn-Off Time
(Note 3)
pC
15
VCTE
Charge Injection
(Note 3)
230
375
V
V-
V+
VANALOG
Analog Signal Range
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
Figure 3, VINH = 2.4V,
VINL = 0V, VN01 = 1.5V
Figure 7, CL = 100pF,
VNO = 0V
TA = +25°C
(Note 3)
TA = +25°C
425
RON
On-Resistance
INO = 1mA, VCOM = 1.5V,
V+ = 3V
TA = TMIN to TMAX
ns
230
575
tTRANS
Transition Time (Note 3)
Figure 1, VIN = 2.4V,
VN01 = 1.5V, VN08 = 0V
TA = +25°C
75
400
tOFF(EN)
TA = +25°C
ns
200
500
tON(EN)
Enable Turn-On Time
(Note 3)
Figure 3, VINH = 2.4V,
VINL = 0V, VN01 = 1.5V
TA = +25°C
ns
540
ns
275
tOFF(EN)
Enable Turn-Off Time
(Note 3)
80
200
Figure 3
TA = TMIN to TMAX
TA = +25°C
ns
200
500
tON(WR)
TA = +25°C
Write Turn-On Time (Note 3)
Figure 4
ns
75
400
tOFF(RS)
TA = +25°C
Reset Turn-Off Time (Note 3)
Figure 4
SWITCH
DYNAMIC
ns
275
tON(WR)
Write Turn-On Time
(Note 3)
200
Figure 4
TA = TMIN to TMAX
TA = +25°C
ns
275
tOFF(RS)
Reset Turn-Off Time
(Note 3)
200
Figure 4
TA = TMIN to TMAX
TA = +25°C
VCTE
DYNAMIC


Similar Part No. - MAX384EWN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3840 MAXIM-MAX3840 Datasheet
388Kb / 10P
   3.3V, 2.7Gbps Dual 2 . 2 Crosspoint Switch
19-1854; Rev 1; 11/01
MAX3840EGJ MAXIM-MAX3840EGJ Datasheet
388Kb / 10P
   3.3V, 2.7Gbps Dual 2 . 2 Crosspoint Switch
19-1854; Rev 1; 11/01
MAX3840EGJ MAXIM-MAX3840EGJ Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
MAX3840ETJ++ MAXIM-MAX3840ETJ+ Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
MAX3840 MAXIM-MAX3840_07 Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
More results

Similar Description - MAX384EWN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
logo
Analog Devices
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG709CRUZ AD-ADG709CRUZ Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
logo
Maxim Integrated Produc...
MAX349 MAXIM-MAX349 Datasheet
301Kb / 20P
   Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Rev 1; 10/98
logo
Analog Devices
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG428 AD-ADG428_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
logo
Analog Devices
ADG429 AD-ADG429_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com