Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC16241A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC16241A
Description  16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16241A Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC16241A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVC16241A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVC16241A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVC16241A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC16241A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC16241A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC16241A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC16241A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC16241A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
74LVC16241A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 26 October 2011
5 of 17
NXP Semiconductors
74LVC16241A
16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
6.
Functional description
[1]
H = HIGH voltage level
L = LOW voltage level
X = don’t care
Z = high-impedance OFF-state
7.
Limiting values
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
The output voltage ratings may be exceeded if the output current ratings are observed.
[3]
Above 60
C the value of P
tot derates linearly with 5.5 mW/K.
2A[0:3]
41, 40, 38, 37
data input
3A[0:3]
36, 35, 33, 32
data input
4A[0:3]
30, 29, 27, 26
data input
Table 2.
Pin description …continued
Name
Pin
Description
Table 3.
Function table[1]
Input
Output
nAn
nOE
nOE
nYn
HL
-
H
-H
H
LL
-
L
-H
L
XH
-
Z
-L
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
IIK
input clamping current
VI <0 V
50
-
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO >VCC or VO <0 V
-
50
mA
VO
output voltage
HIGH or LOW state
[2]
0.5
VCC +0.5
V
3-state
[2]
0.5
+6.5
V
IO
output current
VO =0V to VCC
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[3]
-500
mW


Similar Part No. - 74LVC16241A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16241ADGG PHILIPS-74LVC16241ADGG Datasheet
78Kb / 10P
   16-bit buffer/line driver 3-State
1997 Jul 29
logo
Nexperia B.V. All right...
74LVC16241ADGG NEXPERIA-74LVC16241ADGG Datasheet
216Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 26 April 2019
logo
NXP Semiconductors
74LVC16241ADL PHILIPS-74LVC16241ADL Datasheet
78Kb / 10P
   16-bit buffer/line driver 3-State
1997 Jul 29
More results

Similar Description - 74LVC16241A_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC16241A NEXPERIA-74LVC16241A Datasheet
216Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 26 April 2019
74LVC16240A-Q100 NEXPERIA-74LVC16240A-Q100 Datasheet
209Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
74LVC827A NEXPERIA-74LVC827A Datasheet
1Mb / 16P
   10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4 - 25 November 2011
logo
NXP Semiconductors
74LVC827A PHILIPS-74LVC827A_15 Datasheet
232Kb / 16P
   10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
logo
Nexperia B.V. All right...
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A_03 Datasheet
103Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
74LVC2G241 PHILIPS-74LVC2G241 Datasheet
103Kb / 18P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
logo
Nexperia B.V. All right...
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
   Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
logo
NXP Semiconductors
74LVC541A PHILIPS-74LVC541A_15 Datasheet
294Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com