Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6775MPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF6775MPBF
Description  Latest MOSFET Silicon technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6775MPBF Datasheet(HTML) 5 Page - International Rectifier

  IRF6775MPBF Datasheet HTML 1Page - International Rectifier IRF6775MPBF Datasheet HTML 2Page - International Rectifier IRF6775MPBF Datasheet HTML 3Page - International Rectifier IRF6775MPBF Datasheet HTML 4Page - International Rectifier IRF6775MPBF Datasheet HTML 5Page - International Rectifier IRF6775MPBF Datasheet HTML 6Page - International Rectifier IRF6775MPBF Datasheet HTML 7Page - International Rectifier IRF6775MPBF Datasheet HTML 8Page - International Rectifier IRF6775MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF6775MTRPbF
5
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 26, 2014
Fig 14. Maximum Avalanche Energy vs. Drain Current
Fig 16a. Switching Time Test Circuit
Fig 16b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
Fig 15b. Unclamped Inductive Waveforms
Fig 15a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
Fig 12. On-Resistance vs. Gate Voltage
Fig 13. On-Resistance vs. Drain Current
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD
4
6
8
10
12
14
16
VGS, Gate-to-Source Voltage (V)
40
60
80
100
120
140
TJ = 25°C
TJ = 125°C
ID = 5.6A
0
5
10
15
20
ID , Drain Current (A)
40
50
60
70
80
90
100
VGS = 10V
TJ = 125°C
TJ = 25°C
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
20
40
60
80
100
120
140
I D
TOP
1.1A
1.4A
BOTTOM
11A


Similar Part No. - IRF6775MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
More results

Similar Description - IRF6775MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6665PBF IRF-IRF6665PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6665PBF IRF-IRF6665PBF_15 Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF66651PBF IRF-IRF66651PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6785MPBF IRF-IRF6785MPBF_15 Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF_15 Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6641PBF IRF-IRF6641PBF Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6641PBF IRF-IRF6641PBF_15 Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6785MPBF IRF-IRF6785MPBF Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com