Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC32245A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC32245A
Description  32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC32245A Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC32245A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVC32245A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVC32245A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVC32245A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC32245A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC32245A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC32245A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC32245A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC32245A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74LVC32245A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 December 2011
4 of 14
NXP Semiconductors
74LVC32245A
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state
Fig 2.
Pin configuration
mna475
1A1
1A3
1A5
1A7
2A1
2A3
2A5
2A6
3A1
3A3
3A5
3A7
4A1
4A3
4A5
4A6
1A0
1A2
1A4
1A6
2A0
2A2
2A4
2A7
3A0
3A2
3A4
3A6
4A0
4A2
4A4
4A7
1B0
1B2
1B4
1B6
2B0
2B2
2B4
2B7
3B0
3B2
3B4
3B6
4B0
4B2
4B4
4B7
1B1
1B3
1B5
1B7
2B1
2B3
2B5
2B6
3B1
3B3
3B5
3B7
4B1
4B3
4B5
4B6
1OE
2OE 3OE
GND
GND GND
GND
4OE
VCC
VCC
GND
GND GND
GND
VCC
VCC
1DIR
6
5
2
1
4
3
2DIR 3DIR
GND
GND GND
GND
4DIR
VCC
VCC
GND
GND GND
GND
VCC
VCC
AH
J
BD
E
G
T
CF
K
M
N
R
LP
Table 2.
Pin description
Symbol
Ball
Description
nDIR (n = 1 to 4)
A3, H3, J3, T3
direction control
nOE (n = 1 to 4)
A4, H4, J4, T4
output enable input (active LOW)
1A[0:7]
A5, A6, B5, B6, C5, C6, D5, D6
input or output
1B[0:7]
A2, A1, B2, B1, C2, C1, D2, D1
input or output
2A[0:7]
E5, E6, F5, F6, G5, G6, H6, H5
input or output
2B[0:7]
E2, E1, F2, F1, G2, G1, H1, H2
input or output
3A[0:7]
J5, J6, K5, K6, L5, L6, M5, M6
input or output
3B[0:7]
J2, J1, K2, K1, L2, L1, M2, M1
input or output
4A[0:7]
N5, N6, P5, P6, R5, R6, T6, T5
input or output
4B[0:7]
N2, N1, P2, P1, R2, R1, T1, T2
input or output
GND
B3, B4, D3, D4, E3, E4, G3, G4, K3, K4,
M3, M4, N3, N4, R3, R4
ground (0 V)
VCC
C3, C4, F3, F4, L3, L4, P3, P4
supply voltage
Table 3.
Function selection[1]
Input
Output
nOE
nDIR
nAn
nBn
L
L
nAn = nBn
inputs
L
H
inputs
nBn = nAn
HX
Z
Z


Similar Part No. - 74LVC32245A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC32245AEC PHILIPS-74LVC32245AEC Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVC32245AEC NXP-74LVC32245AEC Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
logo
Nexperia B.V. All right...
74LVC32245AEC NEXPERIA-74LVC32245AEC Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
More results

Similar Description - 74LVC32245A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com