Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BQ24193 Datasheet(PDF) 6 Page - Texas Instruments

Part No. BQ24193
Description  bq24193 I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24193 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24193_15 Datasheet HTML 2Page - Texas Instruments BQ24193_15 Datasheet HTML 3Page - Texas Instruments BQ24193_15 Datasheet HTML 4Page - Texas Instruments BQ24193_15 Datasheet HTML 5Page - Texas Instruments BQ24193_15 Datasheet HTML 6Page - Texas Instruments BQ24193_15 Datasheet HTML 7Page - Texas Instruments BQ24193_15 Datasheet HTML 8Page - Texas Instruments BQ24193_15 Datasheet HTML 9Page - Texas Instruments BQ24193_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
bq24193
SLUSBG7 – DECEMBER 2014
www.ti.com
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VIN
Input voltage
3.9
17(1)
V
IIN
Input current
3
A
ISYS
Output current (SYS)
4.5
A
VBAT
Battery voltage
4.4
V
Fast charging current
4.5
A
6 (continuous)
IBAT
9 (peak)
Discharging current with internal MOSFET
A
(up to 1 sec
duration)
TA
Operating free-air temperature range
–40
85
°C
(1)
The inherent switching noise voltage spikes should not exceed the absolute maximum rating on either the BTST or SW pins. A tight
layout minimizes switching noise.
7.4 Thermal Information
bq24193
THERMAL METRIC(1)
UNIT
RGE (24 PIN)
RθJA
Junction-to-ambient thermal resistance
32.2
RθJCtop
Junction-to-case (top) thermal resistance
29.8
RθJB
Junction-to-board thermal resistance
9.1
°C/W
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
9.1
RθJCbot
Junction-to-case (bottom) thermal resistance
2.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
VVBUS_UVLOZ < VVBUS < VACOV and VVBUS > VBAT + VSLEEP, TJ = –40°C to 125°C and TJ = 25°C for typical values unless other
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
QUIESCENT CURRENTS
VVBUS < VUVLO, VBAT = 4.2 V, leakage between
5
µA
BAT and VBUS
High-Z Mode, or no VBUS, BATFET disabled
IBAT
Battery discharge current (BAT, SW, SYS)
12
20
µA
(REG07[5] = 1),
High-Z Mode, or no VBUS, REG07[5] = 0, –40°C
32
55
µA
to 85°C
VVBUS = 5 V, High-Z mode
15
30
µA
VVBUS = 17 V, High-Z mode
30
50
µA
VVBUS > VUVLO, VVBUS > VBAT, converter not
1.5
3
mA
switching
IVBUS
Input supply current (VBUS)
VVBUS > VUVLO, VVBUS > VBAT, converter
4
mA
switching, VBAT = 3.2 V, ISYS = 0 A
VVBUS > VUVLO, VVBUS > VBAT, converter
15
mA
switching, VBAT = 3.8 V, ISYS = 0 A
VBAT = 4.2 V, Boost mode, IVBUS = 0 A,
IOTGBOOST
Battery discharge current in boost mode
4
mA
converter switching
VBUS/BAT POWER UP
VVBUS_OP
VBUS operating range
3.9
17
V
VVBUS_UVLOZ
VVBUS rising
3.6
V
VBUS for active I2C, no battery
VSLEEP
Sleep mode falling threshold
VVBUS falling, VVBUS-VBAT
35
80
120
mV
VSLEEPZ
Sleep mode rising threshold
VVBUS rising, VVBUS-VBAT
170
250
300
mV
VACOV
VBUS over-voltage rising threshold
VVBUS rising
17.4
18
V
VACOV_HYST
VBUS over-voltage falling hysteresis
VVBUS falling
700
mV
VBAT_UVLOZ
VBAT rising
2.3
V
Battery for active I2C, no VBUS
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: bq24193


Similar Part No. - BQ24193_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results

Similar Description - BQ24193_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192I TI-BQ24192I_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI-BQ24196_15 Datasheet
2Mb / 50P
[Old version datasheet]   bq24196 I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz