Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX384CPN Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX384CPN
Description  Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX384CPN Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX384CPN Datasheet HTML 1Page - Maxim Integrated Products MAX384CPN Datasheet HTML 2Page - Maxim Integrated Products MAX384CPN Datasheet HTML 3Page - Maxim Integrated Products MAX384CPN Datasheet HTML 4Page - Maxim Integrated Products MAX384CPN Datasheet HTML 5Page - Maxim Integrated Products MAX384CPN Datasheet HTML 6Page - Maxim Integrated Products MAX384CPN Datasheet HTML 7Page - Maxim Integrated Products MAX384CPN Datasheet HTML 8Page - Maxim Integrated Products MAX384CPN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX382/MAX384 are low-voltage, CMOS, 1-of-8
and dual 4-channel muxes with latchable digital inputs.
They feature low-voltage operation from a +2.7V to
+16.5V single supply and from ±3V to ±8V dual sup-
plies. Pin compatible with the DG428/DG429, these
muxes offer low on-resistance (100
Ω max) matched to
within 4
Ω max between channels. Additional features
include off leakage less than 2.5nA at +85°C and guar-
anteed low charge injection (10pC max). ESD protec-
tion is greater than 2000V per Method 3015.7.
________________________Applications
Battery-Operated Systems
Audio Signal Routing
Low-Voltage Data-Acquisition Systems
Sample-and-Hold Circuits
Automatic Test Equipment
____________________________Features
o Pin-Compatible with Industry-Standard
DG428/DG429, DG528/DG529, MAX368/MAX369
o Single-Supply Operation (+2.7V to +16.5V)
Bipolar Supply Operation (±3V to ±8V)
o Low Power Consumption (<300µW)
o Low On-Resistance, 100
Ω max
o Guaranteed On-Resistance Match Between
Channels, 4
Ω max
o Low Leakage, 2.5nA at +85°C
o TTL/CMOS-Logic Compatible
Low-Voltage, 8-Channel/Dual 4-Channel
Multiplexers with Latchable Inputs
________________________________________________________________
Maxim Integrated Products
1
18
17
16
15
14
13
12
10
1
2
3
4
5
6
7
9
RS
A1
A2
GND
V-
EN
A0
WR
TOP VIEW
MAX382
V+
N05
N06
N08
COM
11
8
N07
N04
N03
N02
N01
DIP/SO
LOGIC
18
17
16
15
14
13
12
10
1
2
3
4
5
6
7
9
RS
A1
GND
V+
V-
EN
A0
WR
MAX384
N01B
N02B
N03B
COMB
COMA
11
8
N04B
N04A
N03A
N02A
N01A
DIP/SO
LOGIC
__________________________________________________________Pin Configurations
Call toll free 1-800-998-8800 for free samples or literature.
PART
MAX382CPN
MAX382CWN
MAX382C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
18 Plastic DIP
18 Wide SO
Dice*
MAX382EPN
MAX382EWN
-40°C to +85°C
-40°C to +85°C
18 Plastic DIP
18 Wide SO
MAX382EJN
MAX382MJN
-55°C to +125°C
-40°C to +85°C
18 CERDIP**
18 CERDIP**
19-0396; Rev. 0; 5/95
______________Ordering Information
Ordering Information continued on last page.
* Contact factory for dice specifications.
** Contact factory for package availability.


Similar Part No. - MAX384CPN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3840 MAXIM-MAX3840 Datasheet
388Kb / 10P
   3.3V, 2.7Gbps Dual 2 . 2 Crosspoint Switch
19-1854; Rev 1; 11/01
MAX3840EGJ MAXIM-MAX3840EGJ Datasheet
388Kb / 10P
   3.3V, 2.7Gbps Dual 2 . 2 Crosspoint Switch
19-1854; Rev 1; 11/01
MAX3840EGJ MAXIM-MAX3840EGJ Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
MAX3840ETJ++ MAXIM-MAX3840ETJ+ Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
MAX3840 MAXIM-MAX3840_07 Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
More results

Similar Description - MAX384CPN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
logo
Analog Devices
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG709CRUZ AD-ADG709CRUZ Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
logo
Maxim Integrated Produc...
MAX349 MAXIM-MAX349 Datasheet
301Kb / 20P
   Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Rev 1; 10/98
logo
Analog Devices
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG428 AD-ADG428_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
logo
Analog Devices
ADG429 AD-ADG429_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com