Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3890 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3890
Description  3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3890 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3890 Datasheet HTML 4Page - Maxim Integrated Products MAX3890 Datasheet HTML 5Page - Maxim Integrated Products MAX3890 Datasheet HTML 6Page - Maxim Integrated Products MAX3890 Datasheet HTML 7Page - Maxim Integrated Products MAX3890 Datasheet HTML 8Page - Maxim Integrated Products MAX3890 Datasheet HTML 9Page - Maxim Integrated Products MAX3890 Datasheet HTML 10Page - Maxim Integrated Products MAX3890 Datasheet HTML 11Page - Maxim Integrated Products MAX3890 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
+3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer
with Clock Synthesis and LVDS Inputs
10
______________________________________________________________________________________
___________________Chip Information
TRANSISTOR COUNT: 4126
SDO-
TQFP-EP
TOP VIEW
PDI2-
PDI2+
PDI3-
PDI3+
PDI4-
PDI4+
PDI5-
PDI5+
PDI6-
PDI6+
PDI7-
PDI7+
PDI8-
PDI8+
GND
VCC
SCLKO+
SCLKO-
VCC
SOS
PCLKI-
PCLKI+
VCC
VCC
SDO+
VCC
SLBO+
SLBO-
VCC
GND
GND
58
59
60
61
62
54
55
56
57
63
38
39
40
41
42
43
44
45
46
47
52
53
49
50
51
33
34
35
36
37
48
64
23
22
21
20
19
27
26
25
24
18
29
28
32
31
30
17
11
10
9
8
7
6
5
4
3
2
16
15
14
13
12
1
MAX3890
Pin Configuration


Similar Part No. - MAX3890

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38902 MAXIM-MAX38902 Datasheet
1Mb / 7P
   Evaluation Kit
Rev 0; 11/17
MAX38902A MAXIM-MAX38902A Datasheet
505Kb / 12P
   12關VRMS Low Noise 500mA LDO Linear Regulator
19-100191; Rev 4; 10/18
MAX38902AATA++ MAXIM-MAX38902AATA+ Datasheet
505Kb / 12P
   12關VRMS Low Noise 500mA LDO Linear Regulator
19-100191; Rev 4; 10/18
MAX38902B MAXIM-MAX38902B Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902BATA++ MAXIM-MAX38902BATA+ Datasheet
505Kb / 12P
   12關VRMS Low Noise 500mA LDO Linear Regulator
19-100191; Rev 4; 10/18
More results

Similar Description - MAX3890

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3891 MAXIM-MAX3891 Datasheet
521Kb / 12P
   16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
Rev 0; 2/01
MAX3691 MAXIM-MAX3691 Datasheet
89Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-1207; Rev 0; 3/97
MAX3693 MAXIM-MAX3693 Datasheet
108Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 1; 4/99
MAX3693 MAXIM-MAX3693_V01 Datasheet
572Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 2; 5/04
MAX3892 MAXIM-MAX3892 Datasheet
179Kb / 11P
   3.3V, 2.5Gbps/2.7Gbps, SDH/SONET 4:1 Serializer with Clock Synthesis
Rev 6; 10/07
MAX3690ECJ-T MAXIM-MAX3690ECJ-T Datasheet
444Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
Rev 2; 7/04
MAX3690 MAXIM-MAX3690 Datasheet
117Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 1; 4/99
MAX3690 MAXIM-MAX3690_V01 Datasheet
444Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 2; 7/04
MAX3885 MAXIM-MAX3885 Datasheet
125Kb / 8P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with LVDS Outputs
Rev 2; 1/99
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com