Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24250C Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ24250C
Description  bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24250C Datasheet(HTML) 4 Page - Texas Instruments

  BQ24250C_15 Datasheet HTML 1Page - Texas Instruments BQ24250C_15 Datasheet HTML 2Page - Texas Instruments BQ24250C_15 Datasheet HTML 3Page - Texas Instruments BQ24250C_15 Datasheet HTML 4Page - Texas Instruments BQ24250C_15 Datasheet HTML 5Page - Texas Instruments BQ24250C_15 Datasheet HTML 6Page - Texas Instruments BQ24250C_15 Datasheet HTML 7Page - Texas Instruments BQ24250C_15 Datasheet HTML 8Page - Texas Instruments BQ24250C_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
bq24250C
F
1
IN
IN
BOOT
ILIM
E
D
SW
SW
/CE
INT
2
PGND
PGND
EN1
TS
3
PMID
STAT
EN2
SCL
4
SYS
SYS
ISET
LDO
5
BAT
BAT
PGND
SDA
B
VDPM
IN
SW
PGND
SYS
BAT
A
C
bq24250C
SLUSBY7 – JULY 2014
www.ti.com
6 Pin Configuration and Functions
YFF Package
(30-Ball 2.4 mm × 2 mm DSBGA)
Top View
Pin Descriptions
PIN
bq24250C
bq24250C
I/O
DESCRIPTION
NAME
YFF
RGE
Analog Ground for QFN only. Connect to the thermal pad and the ground plane
AGND
4
of the circuit.
Battery Connection. Connect to the positive pin of the battery. Additionally,
BAT
A1, B1, C1
11–12
I/O
bypass BAT with a >1
μF capacitor.
High Side MOSFET Gate Driver Supply. Connect a 0.033
μF ceramic capacitor
BOOT
E5
21
I
(voltage rating > 15V) from BOOT to SW to supply the gate drive for the high
side MOSFETs.
Charge Enable Active-Low Input. Connect CE to a high logic level to place the
CE
D4
1
I
battery charger in standby mode.
Charge Status Open Drain Output. CHG is pulled low when a charge cycle
starts and remains low while charging. CHG is high impedance when the
CHG
O
charging terminates and when no supply exists. CHG does not indicate
recharge cycles.
EN1
D3
2
I
Input Current Limit Configuration Inputs. Use EN1, and EN2 to control the
maximum input current and enable USB compliance. See Table 1 for
EN2
D2
3
I
programming details.
Input Current Limit Programming Input. Connect a resistor from ILIM to GND to
program the input current limit for IN. The current limit is programmable from
ILIM
F5
22
I
0.5A to 2A. ILIM has no effect on the USB input. If an external resistor is not
desired, short to GND for a 2A default setting.
Input power supply. IN is connected to the external DC supply (AC adapter or
IN
A5,B5,C5
19
I
USB port). Bypass IN to PGND with >2
μF ceramic capacitor
Status Output. INT is an open-drain output that signals charging status and
fault interrupts. INT pulls low during charging. INT is high impedance when
charging is complete or the charger is disabled. When a fault occurs, a 256
μs
INT
E1
8
O
pulse is sent out as an interrupt for the host. INT will indicate recharge cycles.
Connect INT to a logic rail through a 10k
Ω resistor to communicate with the
host processor.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: bq24250C


Similar Part No. - BQ24250C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250CYFFR TI1-BQ24250CYFFR Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFT TI1-BQ24250CYFFT Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
More results

Similar Description - BQ24250C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24257 TI-BQ24257 Datasheet
2Mb / 45P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Integrated Current Sense Resistor
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Texas Instruments
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com