Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3935 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3935
Description  10.7Gbps EAM Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3935 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3935 Datasheet HTML 3Page - Maxim Integrated Products MAX3935 Datasheet HTML 4Page - Maxim Integrated Products MAX3935 Datasheet HTML 5Page - Maxim Integrated Products MAX3935 Datasheet HTML 6Page - Maxim Integrated Products MAX3935 Datasheet HTML 7Page - Maxim Integrated Products MAX3935 Datasheet HTML 8Page - Maxim Integrated Products MAX3935 Datasheet HTML 9Page - Maxim Integrated Products MAX3935 Datasheet HTML 10Page - Maxim Integrated Products MAX3935 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Detailed Description
The MAX3935 EAM driver consists of a high-speed
modulation driver and an EAM-biasing block (see
Figure 3). The clock and data inputs to the modulation
driver interface with ECL and CML logic levels. The
modulation and bias outputs sink current to VEE at
-5.2V.
The modulation output stage is composed of a high-
speed differential pair and a programmable current
source rise times a maximum modulation current of
100mA. The rise and fall times are typically 34ps. The
modulation current is designed to produce an EAM
voltage up to 3.0VP-P when driving a 50
Ω module. The
3.0Vp-p results from 100mA through 50
Ω in parallel
with an internal 75
Ω resistor (30Ω).
Any loading of the EAM module with capacitance
degrades the optical output performance. Because the
BIAS output is connected to the EAM, minimize the par-
asitic capacitance associated with this pad by using an
inductor (L) to isolate the BIAS pin from the EAM.
Clock/Data Input Logic Levels
The MAX3935 is directly compatible with 0V reference
CML. Other logic interfaces are possible with AC-cou-
pling capacitors. For 0V CML of AC-coupled logic, set
VTT to 0V. For other DC-coupled differential signals, set
VTT to the common-mode input voltage.
10.7Gbps EAM Driver
_______________________________________________________________________________________
7
50
VOUT
50
15
OSCILLOSCOPE
GND
DATA+
DATA-
VTT
CLK+
CLK-
-5.2V
50
50
50
50
DATA+
DATA-
CLK+
CLK-
PATTERN
GENERATOR
-5.2V
MODN1
BIAS
MOD
MODN2
-5.2V
MAX3935EGJ
MODEN
RTEN
Figure 1. AC Characterization Circuit
Pin Description (continued)
PIN
NAME
FUNCTION
26
BIASSET
Bias Current Set. Connected to the output of an external op amp (see the Design Procedure
section).
27
BIASMON
Bias Current Monitor. (VBIASMON - VEE) / 7.5
Ω = IBIAS.
31
MODEN
TTL/CMOS Modulation Enable Input. Low for normal operation, high to put the EAM in the
absorption (logic 0) state. Internal 100k
Ω pullup to GND.
32
RTEN
TTL/CMOS Data Retiming Input. Low for retimed data, high to bypass retiming latch. Internal
100k
Ω pullup to GND.


Similar Part No. - MAX3935

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX393 MAXIM-MAX393 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930D MAXIM-MAX3930D Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930E MAXIM-MAX3930E Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3931D MAXIM-MAX3931D Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
More results

Similar Description - MAX3935

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3934 MAXIM-MAX3934 Datasheet
1Mb / 10P
   10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
MAX3941 MAXIM-MAX3941 Datasheet
319Kb / 11P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 7/03
MAX3940 MAXIM-MAX3940 Datasheet
355Kb / 13P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3805 MAXIM-MAX3805 Datasheet
301Kb / 10P
   10.7Gbps Adaptive Receive Equalizer
19-2936; Rev 0; 7/03
MAX3971A MAXIM-MAX3971A Datasheet
1Mb / 10P
   3.3V, 10.7Gbps Limiting Amplifier
Rev 0; 4/02
MAX3971A MAXIM-MAX3971A_V01 Datasheet
454Kb / 9P
   3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
MAX3950 MAXIM-MAX3950 Datasheet
260Kb / 9P
   3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs
Rev 2; 12/02
logo
Mitsubishi Electric Sem...
FU-632SEA-3MXXA MITSUBISHI-FU-632SEA-3MXXA Datasheet
68Kb / 5P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL(WDM)
logo
Micrel Semiconductor
SY88953L MICREL-SY88953L Datasheet
779Kb / 9P
   3.3V 10.7Gbps CML LIMITING POST AMPLIFIER W/ TTL SD AND /SD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com