Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCU04A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVCU04A
Description  Hex inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCU04A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVCU04A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVCU04A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVCU04A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVCU04A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVCU04A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVCU04A_15 Datasheet HTML 10Page - NXP Semiconductors 74LVCU04A_15 Datasheet HTML 11Page - NXP Semiconductors 74LVCU04A_15 Datasheet HTML 12Page - NXP Semiconductors 74LVCU04A_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
74LVCU04A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 17 November 2011
9 of 17
NXP Semiconductors
74LVCU04A
Hex inverter
12. Application information
12.1 Application diagrams
Some applications for the 74LVCU04 are:
Linear amplifier: see Figure 10
Crystal oscillator designs; see Figure 11
Astable multivibrator; see Figure 12
Vo(p-p) =VCC  1.5 V centered at 0.5VCC.
GOL = loop gain.
Au = voltage amplification.
R1
 3k,R2  1M
ZL >10k; AOL =20(typ.)
Typical unity gain bandwidth product is 5 MHz.
Fig 10. 74LVCU04A used as linear amplifier
U04
R1
R2
VCC
ZL
GND
mna931
1
μF
A
u
G
OL
1
R1
R2
------- 1G
OL
+

+
------------------------------------------
=
C1 = 47 pF (typical)
C2 = 22 pF (typical)
R1 = 1to10M (typical)
R2 optimum value depends on the frequency and
required stability against changes in VCC or average
minimum ICC (ICC is typically 2 mA at VCC = 3 V and f = 1
MHz)
RS  2R.
The average ICC is approximately
3.5 + 0.05f (MHz)
 C (pF) [mA] at V
CC =3.0 V.
Fig 11. 74LVCU04A used as crystal oscillator
Fig 12. 74LVCU04A used as astable multivibrator
mna932
U04
out
R2
R1
C1
C2
U04
U04
RS
RC
mna933
f
1
T
---
1
2.2RC
---------------
=


Similar Part No. - 74LVCU04A_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVCU04A-Q100 NEXPERIA-74LVCU04A-Q100 Datasheet
782Kb / 15P
   Hex unbuffered inverter
74LVCU04ABQ NEXPERIA-74LVCU04ABQ Datasheet
262Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 March 2021
logo
NXP Semiconductors
74LVCU04AD PHILIPS-74LVCU04AD Datasheet
98Kb / 10P
   Hex inverter
1998 Jul 29
logo
Nexperia B.V. All right...
74LVCU04AD NEXPERIA-74LVCU04AD Datasheet
262Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 March 2021
74LVCU04AD-Q100 NEXPERIA-74LVCU04AD-Q100 Datasheet
782Kb / 15P
   Hex unbuffered inverter
More results

Similar Description - 74LVCU04A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com