Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3935EGJ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3935EGJ
Description  10.7Gbps EAM Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3935EGJ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3935EGJ Datasheet HTML 6Page - Maxim Integrated Products MAX3935EGJ Datasheet HTML 7Page - Maxim Integrated Products MAX3935EGJ Datasheet HTML 8Page - Maxim Integrated Products MAX3935EGJ Datasheet HTML 9Page - Maxim Integrated Products MAX3935EGJ Datasheet HTML 10Page - Maxim Integrated Products MAX3935EGJ Datasheet HTML 11Page - Maxim Integrated Products MAX3935EGJ Datasheet HTML 12Page - Maxim Integrated Products MAX3935EGJ Datasheet HTML 13Page - Maxim Integrated Products MAX3935EGJ Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
10.7Gbps EAM Driver
______________________________________________________________________________________
11
17
18
19
20
21
22
23
VEE
GND
MODN2
MOD
MODN1
GND
VEE
8
7
6
5
4
3
2
VTT
CLK-
CLK+
VTT
VTT
DATA-
DATA+
MAX3935
1
VTT
24
N.C.
TOP VIEW
THE EXPOSED PAD MUST BE SOLDERED TO
SUPPLY GROUND ON THE CIRCUIT BOARD.
Pin Configuration
Chip Topography
The origin for pad coordinates is the center of the die.
All pad locations are referenced from the origin and
indicate the center of the pad where the bond wire
should be connected. For more information on bonding
coordinates refer to Maxim Application Note HFAN-
08.0.1: Understanding Bonding Coordinates and
Physical Die Size on Maxim’s website.
Chip Information
TRANSISTOR COUNT: 1535
SUBSTRATE: INSULATOR, CONNECT TO GND
PROCESS: SiGe BIPOLAR
DIE THICKNESS: 8 mils
Chip Topography
VTT
CLK-
CLK+
VTT
VTT
DATA-
DATA+
VTT
VEE
GND
MODN1
MOD1
MOD2
MODN2
GND
VEE
GND
N.C.
MODSET
MODMON
VEE
VEE
GND
GND
VEE
VEE
GND
N.C.
N.C.
PWC-
PWC+
N.C.
N.C.
GND
BIAS
BIASSET
BIASMON
VEE
VEE
GND
GND
VEE
VEE
VCC
MODEN
RTEN
N.C.
N.C.


Similar Part No. - MAX3935EGJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX393 MAXIM-MAX393 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930D MAXIM-MAX3930D Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930E MAXIM-MAX3930E Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3931D MAXIM-MAX3931D Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
More results

Similar Description - MAX3935EGJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3934 MAXIM-MAX3934 Datasheet
1Mb / 10P
   10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
MAX3941 MAXIM-MAX3941 Datasheet
319Kb / 11P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 7/03
MAX3940 MAXIM-MAX3940 Datasheet
355Kb / 13P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3805 MAXIM-MAX3805 Datasheet
301Kb / 10P
   10.7Gbps Adaptive Receive Equalizer
19-2936; Rev 0; 7/03
MAX3971A MAXIM-MAX3971A Datasheet
1Mb / 10P
   3.3V, 10.7Gbps Limiting Amplifier
Rev 0; 4/02
MAX3971A MAXIM-MAX3971A_V01 Datasheet
454Kb / 9P
   3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
MAX3950 MAXIM-MAX3950 Datasheet
260Kb / 9P
   3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs
Rev 2; 12/02
logo
Mitsubishi Electric Sem...
FU-632SEA-3MXXA MITSUBISHI-FU-632SEA-3MXXA Datasheet
68Kb / 5P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL(WDM)
logo
Micrel Semiconductor
SY88953L MICREL-SY88953L Datasheet
779Kb / 9P
   3.3V 10.7Gbps CML LIMITING POST AMPLIFIER W/ TTL SD AND /SD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com