Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3941ETG Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3941ETG
Description  10Gbps EAM Driver with Integrated Bias Network
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3941ETG Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3941ETG Datasheet HTML 3Page - Maxim Integrated Products MAX3941ETG Datasheet HTML 4Page - Maxim Integrated Products MAX3941ETG Datasheet HTML 5Page - Maxim Integrated Products MAX3941ETG Datasheet HTML 6Page - Maxim Integrated Products MAX3941ETG Datasheet HTML 7Page - Maxim Integrated Products MAX3941ETG Datasheet HTML 8Page - Maxim Integrated Products MAX3941ETG Datasheet HTML 9Page - Maxim Integrated Products MAX3941ETG Datasheet HTML 10Page - Maxim Integrated Products MAX3941ETG Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
The input data is retimed on the rising edge of CLK+. If
RTEN is connected to ground, the retiming function is dis-
abled and the input data is directly connected to the out-
put stage. Leave CLK+ and CLK- open when retiming is
disabled.
Pulse-Width Control
The pulse-width control circuit can be used to compen-
sate for pulse-width distortion introduced by the EAM.
The differential voltage between PWC+ and PWC-
adjusts the pulse-width compensation. The adjustment
range is typically ±50ps. Optional single-ended opera-
tion is possible by forcing a voltage on the PWC+ pin
while leaving the PWC- pin unconnected. When PWC-
is connected to ground, the pulse-width control circuit
is automatically disabled.
Modulation Output Enable
The MAX3941 incorporates a modulation current-
enable input. When MODEN is low or floating, the mod-
ulation/bias output (OUT) is enabled. When MODEN is
high, the output is switched to the logic 0 state. The
typical enable time is 2ns and the typical disable time
is 2ns.
Design Procedure
Programming the Modulation Voltage
The EAM modulation voltage results from IMOD passing
through the EAM impedance (ZL) in parallel with the
internal 50
Ω termination resistor (ROUT):
To program the desired modulation current, force a
voltage at the MODSET pin (see the Typical Application
Circuit). The resulting IMOD current can be calculated
by the following equation:
An internal, independent current source drives a constant
37mA to the modulation circuitry, and any voltage above
VEE on the MODSET pin adds to this. The input imped-
ance of the MODSET pin is typically 20k
Ω. Note that the
minimum output voltage is VEE + 1.9V (Figure 5).
Programming the Bias Voltage
As in the case of modulation, the EAM bias voltage
results from IBIAS passing through the EAM impedance
(ZL) in parallel with the internal 50
Ω termination resistor
(ROUT):
To program the desired bias current, force a voltage at
the BIASSET pin (see the Typical Application Circuit).
The resulting IBIAS current can be calculated by the fol-
lowing equation:
The input impedance of the BIASSET pin is typically
20k
Ω. Note that the minimum output voltage is VEE +
1.9V (Figure 5).
Programming the Pulse-Width Control
Three methods of control are possible when pulse predis-
tortion is desired to minimize distortion at the receiver.
The pulse width can be set with a 2k
Ω potentiometer with
the center tapped to VEE (or equivalent fixed resistors),
by applying a voltage to the PWC+ pin, or by applying a
differential voltage across the PWC+ and PWC- pins. See
Table 1 for the desired effect of the pulse-width setting.
Pulse width is defined as (positive pulse width)/((positive
pulse width + negative pulse width)/2).
Input Termination Requirement
The MAX3941 data and clock inputs are CML compati-
ble. However, it is not necessary to drive the IC with a
standard CML signal. As long as the specified input volt-
age swings are met, the MAX3941 operates properly.
Applications Information
Layout Considerations
To minimize loss and crosstalk, keep the connections
between the MAX3941 output and the EAM module as
short as possible. Use good high-frequency layout
techniques and multilayer boards with an uninterrupted
ground plane to minimize EMI and crosstalk. Circuit
boards should be made using low-loss dielectrics. Use
controlled-impedance lines for the clock and data
inputs as well as for the data output. Be sure to filter the
power supply with capacitors placed close to the IC.
I
V
3
BIAS
BIASSET
64
.
VI
ZR
ZR
BIAS
BIAS
L
OUT
L
OUT
≈×
×
+
I
V
11.1
MOD
MODSET
≈+
37mA
VI
ZR
ZR
MOD
MOD
L
OUT
L
OUT
≈×
×
+
10Gbps EAM Driver with Integrated
Bias Network
_______________________________________________________________________________________
9
Table 1. Pulse-Width Control
PULSE-
WIDTH
(%)
RPWC+, RPWC- FOR
RPWC+ + RPWC- = 2k
VPWC+
(PWC- OPEN)
(V)
VPWC+ -
VPWC-
(V)
100
RPWC+ = RPWC-
VEE + 1
0
>100
RPWC+ > RPWC-
> VEE + 1
>0
<100
RPWC+ < RPWC-
< VEE + 1
<0


Similar Part No. - MAX3941ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX394 MAXIM-MAX394 Datasheet
219Kb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
MAX3940 MAXIM-MAX3940 Datasheet
355Kb / 13P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
MAX3940E/D MAXIM-MAX3940E/D Datasheet
355Kb / 13P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
MAX3942 MAXIM-MAX3942 Datasheet
227Kb / 10P
   10Gbps Modulator Driver
Rev 1; 6/07
More results

Similar Description - MAX3941ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3940 MAXIM-MAX3940 Datasheet
355Kb / 13P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
logo
M/A-COM Technology Solu...
MASW-004102-1276 MA-COM-MASW-004102-1276 Datasheet
975Kb / 6P
   Integrated Bias Network
MABT-011000 MA-COM-MABT-011000 Datasheet
612Kb / 5P
   Integrated Bias Network
logo
Tyco Electronics
MA4SW410B-1 MACOM-MA4SW410B-1 Datasheet
270Kb / 6P
   SP4T PIN Diode with Integrated Bias Network
logo
Maxim Integrated Produc...
MAX3935 MAXIM-MAX3935 Datasheet
1Mb / 14P
   10.7Gbps EAM Driver
Rev 1; 12/02
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
M/A-COM Technology Solu...
MA4BN1840-1 MA-COM-MA4BN1840-1 Datasheet
125Kb / 8P
   Monolithic HMIC??Integrated Bias Network
logo
Tyco Electronics
MA4SW610B-1 MACOM-MA4SW610B-1 Datasheet
248Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com