Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX394EPP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX394EPP
Description  Low-Voltage, Quad, SPDT, CMOS Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX394EPP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX394EPP Datasheet HTML 1Page - Maxim Integrated Products MAX394EPP Datasheet HTML 2Page - Maxim Integrated Products MAX394EPP Datasheet HTML 3Page - Maxim Integrated Products MAX394EPP Datasheet HTML 4Page - Maxim Integrated Products MAX394EPP Datasheet HTML 5Page - Maxim Integrated Products MAX394EPP Datasheet HTML 6Page - Maxim Integrated Products MAX394EPP Datasheet HTML 7Page - Maxim Integrated Products MAX394EPP Datasheet HTML 8Page - Maxim Integrated Products MAX394EPP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Voltage, Quad, SPDT,
CMOS Analog Switch
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = 5V ±10%, V- = 0V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Analog Signal Range
VCOM,
VNO,
VNC
0V
V+
V
(Note 3)
On-Resistance
RON
25
65
V+ = 5.0V, V- = 0V,
VNC or VNO = 3.5V,
ICOM = 1.0mA,
VINH = 2.4V,
VINL = 0.8V
On-Resistance Match
Between Channels (Note 4)
∆RON
VNC or VNO = 3V,
ICOM = 1.0mA,
V+ = 5V
On-Resistance Flatness
(Note 4)
RFLAT(ON)
VNC or VNO = 3V, 2V,
1V; ICOM = 1.0mA;
V+ = 5V; V- = 0V
NC or NO Off Leakage
Current (Note 8)
INC(OFF)
or
INO(OFF)
-0.2
-0.01
0.2
nA
VCOM = 0V,
VNC or VNO = 4.5V,
V+ = 5.5V, V- = 0V
COM Leakage Current
(Note 8)
ICOM(ON)
-0.4
-0.04
0.4
nA
VCOM = 4.5V,
VNC or VNO = 4.5V,
V+ = 5.5V, V- = 0V
TA = +25°C
TA = TMIN
to TMAX
75
-2.5
2.5
-20
20
TA = TMIN
to TMAX
TA = TMIN
to TMAX
C, E
M
C, E
M
-20
20
-5.0
5.0
M
C, E
TA = +25°C
-0.2
-0.04
0.2
C, E
M
-0.1
-0.01
0.1
TA = TMIN
to TMAX
TA = +25°C
TA = TMIN
to TMAX
TA = +25°C
TA = +25°C
C, E, M
C, E
M
C, E, M
8
C, E, M
6
C, E, M
4
C, E, M
0.5
2
60
CONDITIONS
TEMP.
RANGE
Input Current with Input
Voltage High
IINH
µA
VIN = 2.4V, all others = 0.8V
-1.0
0.005
1.0
Input Current with Input
Voltage Low
IINL
µA
VIN = 0.8V, all others = 2.4V
-1.0
0.005
1.0
SWITCH
DIGITAL LOGIC INPUT


Similar Part No. - MAX394EPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX394EPP MAXIM-MAX394EPP Datasheet
219Kb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
MAX394EPP MAXIM-MAX394EPP Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
More results

Similar Description - MAX394EPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
MAX394 MAXIM-MAX394_08 Datasheet
219Kb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
logo
Vishay Siliconix
DG2706 VISHAY-DG2706_11 Datasheet
164Kb / 9P
   High Speed, Low Voltage, 3ohm , Quad SPDT CMOS Analog Switch
Rev. B, 07-Feb-11
DG2706 VISHAY-DG2706_V01 Datasheet
192Kb / 10P
   High Speed, Low Voltage, 3 ?? Quad SPDT CMOS Analog Switch
01-Jan-2022
logo
Maxim Integrated Produc...
MAX4735 MAXIM-MAX4735 Datasheet
285Kb / 13P
   Low-Voltage, 0.31OHM, Quad-SPDT Analog Switch
19-3581; Rev 0; 1/05
MAX333A MAXIM-MAX333A Datasheet
110Kb / 8P
   Precision, Quad, SPDT, CMOS Analog Switch
Rev 1; 6/99
logo
Vishay Siliconix
DG2706 VISHAY-DG2706 Datasheet
187Kb / 8P
   High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch
Rev. A, 05-May-08
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699 Datasheet
445Kb / 10P
   0.5廓, Low Voltage Quad, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com