Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX395 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX395
Description  Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX395 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX395 Datasheet HTML 1Page - Maxim Integrated Products MAX395 Datasheet HTML 2Page - Maxim Integrated Products MAX395 Datasheet HTML 3Page - Maxim Integrated Products MAX395 Datasheet HTML 4Page - Maxim Integrated Products MAX395 Datasheet HTML 5Page - Maxim Integrated Products MAX395 Datasheet HTML 6Page - Maxim Integrated Products MAX395 Datasheet HTML 7Page - Maxim Integrated Products MAX395 Datasheet HTML 8Page - Maxim Integrated Products MAX395 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Serially Controlled, Low-Voltage,
8-Channel SPST Switch
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
TA = +25°C
200
400
C, E, M
TA = +25°C
TA = +25°C
VCOM = VNO = GND,
f = 1MHz
CONDITIONS
8
From rising edge of CS
TA = +25°C
V
±3
±8
V+, V-
Power-Supply Range
pF
TA = +25°C
C, E, M
ns
500
tON
Turn-On Time
-90
C(ON)
Switch On Capacitance
TA = +25°C
RL = 50Ω, CL = 15pF,
VNO = 1VRMS, f = 100kHz
<-90
dB
VCT
Channel-to-Channel Crosstalk
DIN = CS = SCLK = 0V or V+,
RESET = 0V or V+
DIN = CS = SCLK = 0V or V+,
RESET = 0V or V+
TA = +25°C
90
400
C, E, M
From rising edge of CS
ns
500
tOFF
Turn-Off Time
µA
-1
0.1
1
I-
V- Supply Current
µA
720
I+
V+ Supply Current
UNITS
MIN
TYP
MAX
(Note 1)
SYMBOL
PARAMETER
TA = +25°C
515
TA = +25°C
From rising edge of CS
210
TA = +25°C
2
TA = +25°C
VNO = GND, f = 1MHz
ns
2
tBBM
Break-Before-Make Delay
CL = 1nF, VNO = 0V, RS = 0Ω
VCOM = GND, f = 1MHz
CCOM(OFF)
CNO(OFF)
VCTE
COM Off Capacitance
NO Off Capacitance
Charge Injection (Note 4)
pF
pF
pC
dB
VISO
Off Isolation
RL = 50Ω, CL = 15pF,
VNO = 1VRMS, f = 100kHz
C, E, M
C, E, M
30
-2
2
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY


Similar Part No. - MAX395

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3950 MAXIM-MAX3950 Datasheet
260Kb / 9P
   3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs
Rev 2; 12/02
MAX3950EGK MAXIM-MAX3950EGK Datasheet
163Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
Rev. A October 14, 2003
MAX3950EGK MAXIM-MAX3950EGK Datasheet
260Kb / 9P
   3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs
Rev 2; 12/02
MAX3956 MAXIM-MAX3956 Datasheet
1Mb / 82P
   Transceiver with DDM and DC-Coupled Laser Interface
Rev 3; 9/14
More results

Similar Description - MAX395

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
ADG714 AD-ADG714_13 Datasheet
188Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG714 AD-ADG714 Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX349 MAXIM-MAX349 Datasheet
301Kb / 20P
   Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Rev 1; 10/98
logo
Analog Devices
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335 Datasheet
121Kb / 12P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 2; 7/96
MAX335 MAXIM-MAX335_V01 Datasheet
943Kb / 14P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
logo
Analog Devices
ADGS1412 AD-ADGS1412 Datasheet
722Kb / 26P
   Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
logo
Maxim Integrated Produc...
MAX4586 MAXIM-MAX4586 Datasheet
140Kb / 12P
   Serially Controlled, 4-Channel Serially Controlled, 4-Channel
Rev 0; 8/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com